| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HT47C07L bảng dữ liệu(PDF) 49 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT47C07L bảng dữ liệu(HTML) 49 Page - Holtek Semiconductor Inc |
|
49 / 57 page ![]() Rev. 1.10 �8 De�e��e� ��� �01� Rev. 1.10 �9 De�e��e� ��� �01� HT47C07L/HT47C08L R-F Type Low Voltage 8-bit Mask MCU HT47C07L/HT47C08L R-F Type Low Voltage 8-bit Mask MCU JMP addr Jumpunconditionally Description ThecontentsoftheProgramCounterarereplacedwiththespecifiedaddress.Program executionthencontinuesfromthisnewaddress.Asthisrequirestheinsertionofadummy instructionwhilethenewaddressisloaded,itisatwocycleinstruction. Operation ProgramCounter←addr Affectedflag(s) None MOV A,[m] MoveDataMemorytoACC Description ThecontentsofthespecifiedDataMemoryarecopiedtotheAccumulator. Operation ACC←[m] Affectedflag(s) None MOV A,x MoveimmediatedatatoACC Description TheimmediatedataspecifiedisloadedintotheAccumulator. Operation ACC←x Affectedflag(s) None MOV [m],A MoveACCtoDataMemory Description ThecontentsoftheAccumulatorarecopiedtothespecifiedDataMemory. Operation [m]←ACC Affectedflag(s) None NOP Nooperation Description Nooperationisperformed.Executioncontinueswiththenextinstruction. Operation Nooperation Affectedflag(s) None OR A,[m] LogicalORDataMemorytoACC Description DataintheAccumulatorandthespecifiedDataMemoryperformabitwise logicalORoperation.TheresultisstoredintheAccumulator. Operation ACC←ACC″OR″[m] Affectedflag(s) Z OR A,x LogicalORimmediatedatatoACC Description DataintheAccumulatorandthespecifiedimmediatedataperformabitwiselogicalOR operation.TheresultisstoredintheAccumulator. Operation ACC←ACC″OR″x Affectedflag(s) Z ORM A,[m] LogicalORACCtoDataMemory Description DatainthespecifiedDataMemoryandtheAccumulatorperformabitwiselogicalOR operation.TheresultisstoredintheDataMemory. Operation [m]←ACC″OR″[m] Affectedflag(s) Z RET Returnfromsubroutine Description TheProgramCounterisrestoredfromthestack.Programexecutioncontinuesattherestored address. Operation ProgramCounter←Stack Affectedflag(s) None |