| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HT45F2002 bảng dữ liệu(PDF) 5 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT45F2002 bảng dữ liệu(HTML) 5 Page - Holtek Semiconductor Inc |
|
5 / 31 page ![]() Rev. 1.00 � ���� 1�� �01� Rev. 1.00 5 ���� 1�� �01� HT45F2002 2-Wire Communication Flash MCU HT45F2002 2-Wire Communication Flash MCU operateddevicecommunication,etc. TheinclusionofflexibleI/Oprogrammingfeatures,Time-Basefunctionsalongwithmanyother featuresensurethatthedevicewillfindexcellentuseinapplicationssuchaselectronicmetering, environmentalmonitoring,handheldinstruments,householdappliances,electronicallycontrolled tools,motordrivinginadditiontomanyothers. Block Diagram Thefollowingblockdiagramillustratesthedual-chipstructureofthedevice,whereanindividual MCUandatwo-linetypepowerlinedatatransceiverchiparecombinedintoasinglepackage. HT45B0005 HT66F0042 LDO CN IS VCC VCC CN IS VDD VSS VDD VDD TX RX RX TX TRX TRX VSS VSS I/O Ports LCD pins A/D pins OSC pins TM pins 8-bit RISC MCU Core I/O Timer Modules Flash Program Memory EEPROM Data Memory Flash/EEPROM Programming Circuitry RAM Data Memory Time Base Low Voltage Reset Watchdog Timer Interrupt Controller Reset Circuit LCD Driver SIM (I2C/SPI) 12-bit A/D Converter LED Driver Power Line Data Transceiver Internal RC Oscillators Note:ThePowerLineDataTransceiceristheICofthedual-chipinonedevice. |