| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HT45F75 bảng dữ liệu(PDF) 53 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT45F75 bảng dữ liệu(HTML) 53 Page - Holtek Semiconductor Inc |
|
53 / 190 page ![]() Rev. 1.10 5� De�e��e� 1�� �01� Rev. 1.10 53 De�e��e� 1�� �01� HT45F75 Body Fat Scale Flash MCU HT45F75 Body Fat Scale Flash MCU NORMAL Mode to SLOW Mode Switching WhenrunningintheNORMALMode,whichusesthehighspeedsystemoscillator,andtherefore consumesmorepower,thesystemclockcanswitchtorunintheSLOWModebysettheHLCLKbit to“0”andsettheCKS2~CKS0bitsto“000”or“001”intheSMODregister.Thiswillthenusethe lowspeedsystemoscillatorwhichwillconsumelesspower.Usersmaydecidetodothisforcertain operationswhichdonotrequirehighperformanceandcansubsequentlyreducepowerconsumption. TheSLOWModeissourcedfromtheLXTortheLIRCoscillatorsandthereforerequiresthese oscillatorstobestablebeforefullmodeswitchingoccurs.ThisismonitoredusingtheLTObitinthe SMODregister. SL OW M ode SL E EP0 M ode SL E EP1 M ode ID LE 0 M ode ID LE 1 M ode NO RM AL M od e CK S2 ~ C KS0 = 00x B & HL CL K = 0 WD T and LV D ar e al l of f ID LE N = 0 HA LT i ns tr uc ti on is e xe cu te d WD T or L VD i s on ID LE N = 0 HA LT i ns tr uc ti on is e xe cu te d ID LE N = 1, F SYS ON =0 HA LT i ns tr uc ti on i s ex ec ut ed ID LE N = 1, F SYSO N= 1 HA LT i ns tr uc ti on is e xe cu te d |