công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

INA231AIYFFT bảng dữ liệu(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện INA231AIYFFT
Giải thích chi tiết về linh kiện  High- or Low-Side Measurement, Bidirectional Current and Power Monitor With 1.8-V I2C Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

INA231AIYFFT bảng dữ liệu(HTML) 10 Page - Texas Instruments

Back Button INA231AIYFFT Datasheet HTML 6Page - Texas Instruments INA231AIYFFT Datasheet HTML 7Page - Texas Instruments INA231AIYFFT Datasheet HTML 8Page - Texas Instruments INA231AIYFFT Datasheet HTML 9Page - Texas Instruments INA231AIYFFT Datasheet HTML 10Page - Texas Instruments INA231AIYFFT Datasheet HTML 11Page - Texas Instruments INA231AIYFFT Datasheet HTML 12Page - Texas Instruments INA231AIYFFT Datasheet HTML 13Page - Texas Instruments INA231AIYFFT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
ADC
´
´
Shunt Voltage
Channel
Bus Voltage
Channel
Shunt Voltage
(1)
Data Registers
Calibration
(2)
Current
(1)
Bus Voltage
(1)
Power
(1)
10
INA231
SBOS644A – FEBRUARY 2013 – REVISED JUNE 2017
www.ti.com
Product Folder Links: INA231
Submit Documentation Feedback
Copyright © 2013–2017, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The INA231 is a digital, current-sense amplifier with an I2C- and SMBus-compatible interface. It provides digital
current, voltage, and power readings necessary for accurate decision-making in precisely controlled systems.
Programmable registers allow flexible configuration for measurement resolution, as well as continuous-versus-
triggered operation. Detailed register information is shown in the Register Maps section. See the Functional
Block Diagram section for a block diagram of the INA231 device.
8.2 Functional Block Diagram
(1)
Read-only
(2)
Read/write
Figure 20. Functional Block Diagram
8.3 Feature Description
8.3.1 Basic Analog-to-Digital Converter (ADC) Functions
The INA231 performs two measurements on the power-supply bus of interest. The voltage developed from the
load current that flows through a shunt resistor creates the shunt voltage signal that is measured at the IN+ and
IN– pins. The device can also measure the power supply bus voltage by connecting this voltage to the BUS pin.
The differential shunt voltage is measured with respect to the IN– pin whereas the bus voltage is measured with
respect to ground.
The INA231 is typically powered by a separate supply that can range from 2.7 V to 5.5 V. The bus that is being
monitored can range in voltage from 0 V to 28 V.
NOTE
Based on the fixed 1.25 mV LSB for the bus voltage register, a full-scale register would
result in a 40.96-V value. However, the actual voltage that is applied to the input pins of
the INA231 should not exceed 28 V.
There are no special considerations for power-supply sequencing because the common-mode input range and
power-supply voltage are independent of each other; therefore, the bus voltage can be present with the supply
voltage off, and vice-versa.
As noted, the INA231 takes two measurements, shunt voltage and bus voltage. It then converts these
measurements to current, based on the Calibration register value, and then calculates power. See the Configure,
Measure, and Calculate Example section for additional information on programming the calibration register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com