công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SW8N65A1 bảng dữ liệu(PDF) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

tên linh kiện SW8N65A1
Giải thích chi tiết về linh kiện  N-channel Enhanced mode TO-220FMOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Trang chủ  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SW8N65A1 bảng dữ liệu(HTML) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

  SW8N65A1 Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SW8N65A1 Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SW8N65A1 Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SW8N65A1 Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd. SW8N65A1 Datasheet HTML 5Page - Xian Semipower Electronic Technology Co., Ltd. SW8N65A1 Datasheet HTML 6Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
Oct. 2015. Rev. 2.0
1/6
SW8N65A1
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDSS
Drain to source voltage
650
V
ID
Continuous drain current (@TC=25oC)
8*
A
Continuous drain current (@TC=100oC)
5*
A
IDM
Drain current pulsed
(note 1)
32
A
VGS
Gate to source voltage
±30
V
EAS
Single pulsed avalanche energy
(note 2)
284
mJ
EAR
Repetitive avalanche energy
(note 1)
33
mJ
dv/dt
Peak diode recovery dv/dt
(note 3)
5
V/ns
PD
Total power dissipation (@TC=25oC)
31
W
Derating factor above 25oC
0.25
W/oC
TSTG, TJ
Operating junction temperature & storage temperature
-55 ~ + 150
oC
TL
Maximum lead temperature for soldering
purpose, 1/8 from case for 5 seconds.
300
oC
Thermal characteristics
Symbol
Parameter
Value
Unit
Rthjc
Thermal resistance, Junction to case
4.03
oC/W
Rthja
Thermal resistance, Junction to ambient
44.3
oC/W
*. Drain current is limited by junction temperature.
1. Gate 2. Drain 3. Source
TO-220F
Order Codes
Item
Sales Type
Marking
Package
Packaging
1
SW F 8N65A1
SW8N65A1
TO-220F
TUBE
1
2
3
N-channel Enhanced mode TO-220F MOSFET
Features
 High ruggedness
 Low R
DS(ON) (Typ 1.2Ω)@VGS=10V
 Low Gate Charge (Typ 31nC)
 Improved dv/dt Capability
 100% Avalanche Tested
 Application:Charge,LED,PC Power
General Description
This power MOSFET is produced with advanced technology of SAMWIN.
This technology enable the power MOSFET to have better characteristics, including fast
switching time, low on resistance, low gate charge and especially excellent avalanche
characteristics.
BV
DSS : 650V
I
D
: 8A
R
DS(ON)
: 1.2Ω
1
2
3


Số phần tương tự - SW8N65A1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Xian Semipower Electron...
SW8N65D SEMIPOWER-SW8N65D Datasheet
1Mb / 8P
N-channel Enhanced mode TO-220/TO-251/TO-252/TO-220F/TO-251NX MOSFET
SW8N65DB SEMIPOWER-SW8N65DB Datasheet
950Kb / 6P
N-channel Enhanced mode TO-251/TO-252 /TO-220F MOSFET
SW8N65K SEMIPOWER-SW8N65K Datasheet
836Kb / 6P
N-channel Enhanced mode TO-262 MOSFET
More results

Mô tả tương tự - SW8N65A1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Xian Semipower Electron...
SW10N70D SEMIPOWER-SW10N70D Datasheet
659Kb / 6P
N-channel Enhanced mode TO-262 MOSFET
SW038R04VT SEMIPOWER-SW038R04VT Datasheet
568Kb / 6P
N-channel Enhanced mode TO-220 MOSFET
SW2N65D SEMIPOWER-SW2N65D Datasheet
649Kb / 6P
N-channel Enhanced mode TO-220FMOSFET
SW5N65K SEMIPOWER-SW5N65K Datasheet
836Kb / 6P
N-channel Enhanced mode TO-252 MOSFET
SW6N60K SEMIPOWER-SW6N60K Datasheet
618Kb / 6P
N-channel Enhanced mode TO-220FMOSFET
SW18N60D SEMIPOWER-SW18N60D Datasheet
651Kb / 6P
N-channel Enhanced mode TO-220F MOSFET
SW20N70K SEMIPOWER-SW20N70K Datasheet
703Kb / 1P
N-channel Enhanced mode TO-220FMOSFET
SW6N70A SEMIPOWER-SW6N70A Datasheet
593Kb / 6P
N-channel Enhanced mode TO-251MOSFET
SW6N70D SEMIPOWER-SW6N70D Datasheet
630Kb / 6P
N-channel Enhanced mode TO-220FMOSFET
SW13N65D SEMIPOWER-SW13N65D Datasheet
824Kb / 6P
N-channel Enhanced mode TO-220FMOSFET
Jan. 2019
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com