| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
P3602ACMC bảng dữ liệu(PDF) 89 Page - Teccor Electronics |
|
|
|||||||||||||||||||||||||||||
P3602ACMC bảng dữ liệu(HTML) 89 Page - Teccor Electronics |
|
89 / 212 page ![]() © 2002 Teccor Electronics 3-1 http://www.teccor.com SIDACtor® Data Book and Design Guide +1 972-580-7777 3 Reference Designs This section offers specific examples of how SIDACtor devices can be used to ensure long- term operability of protected equipment and uninterrupted service during transient electrical activity. For additional line interface protection circuits, see "Regulatory Compliant Solutions" on page 4-34. Customer Premises Equipment (CPE) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3-3 High Speed Transmission Equipment . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3-7 ADSL Circuit Protection . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3-7 HDSL Circuit Protection . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3-8 ISDN Circuit Protection . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3-10 Pair Gain Circuit Protection. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .3-11 T1/E1 Circuit Protection . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3-14 Additional T1 Design Considerations . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3-16 T3 Protection. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3-16 Analog Line Cards . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3-17 PBX Systems . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3-25 CATV Equipment . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3-26 Primary Protection . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3-29 Secondary Protection . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3-31 Triac Protection. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3-33 Data Line Protectors. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3-34 LAN / WAN Protectors . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3-35 10Base-T Protection . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3-35 100Base-T Protection . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3-36 Note: The circuits referenced in this section represent typical interfaces used in telecommunications equipment. SIDACtor devices are not the sole components required to pass applicable regulatory requirements such as UL 60950, GR 1089, or TIA-968 (formerly known as FCC Part 68), nor are these requirements specifically directed at SIDACtor devices. |