| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
XC6201P582PR bảng dữ liệu(PDF) 2 Page - Torex Semiconductor |
|
|
|||||||||||||||||||||||||||||
XC6201P582PR bảng dữ liệu(HTML) 2 Page - Torex Semiconductor |
|
2 / 22 page ![]() XC6201 Series 186 3 ■Pin Configuration ■Pin Assignment SOT-89 (TOP VIEW) VSS VIN VOUT 3 2 1 SOT-25 (TOP VIEW) VSS VIN VOUT 3 2 1 5 NC NC 4 SOT-25 SOT-89/TO-92(T) 5VOUT Output 2VSS Ground 1VIN Power Input 3 (NC) No Connection 4 1 2 3 − − (NC) No Connection PIN NUMBER PIN NAME FUNCTION TO-92(L) 2 1 3 − − 123 TO-92(T Type) (TOP VIEW) VSS VIN VOUT ■Product Classification GOrdering Information XC6201P erty ↑ q ↑ w Output Voltage Accuracy 1/2 e.g.1 : ±1.0% 2 : ±2.0% M Package Type:SOT-25 P :SOT-89 13∼60 R Embossed Tape:Standard Feed Output Voltage e.g. 30 : 3.0V 50 : 5.0V L Embossed Tape:Reverse Feed H Paper Type(TO-92) B Bag(TO-92) r t y e q 01 Indicates the product number w P Type of regulator 3-pin :TO-92(Standard) :TO-92(Custom pin configuration) DESIGNATOR SYMBOL DESCRIPTION DESIGNATOR SYMBOL DESCRIPTION T L 123 TO-92 (L Type) (TOP VIEW) VSS VOUT VIN 03S_01XC6201 02.9.12 2:35 PM ページ 186 |