| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TS4621E bảng dữ liệu(PDF) 27 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TS4621E bảng dữ liệu(HTML) 27 Page - STMicroelectronics |
|
27 / 32 page ![]() TS4621E Application information Doc ID 022201 Rev 1 27/32 4.3 Common mode sense The TS4621E implements a common-mode sense pin to correct any voltage differences that might occur between the return of the headphone jack and the GND of the device and create parasitic noise in the headphone and/or line out. The solution to strongly reduce and practically eliminate this noise consists in connecting the headphone jack ground to the CMS pin. This pin senses the difference of potential (voltage noise) between the TS4621E ground and the headphone ground. By way of the frequency response of the common-mode sense pin, this noise is removed from the TS4621E outputs. |