công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EFB0412MD bảng dữ liệu(PDF) 2 Page - Delta Electronics, Inc.

tên linh kiện EFB0412MD
Giải thích chi tiết về linh kiện  Bearing Type Ball Bearings
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DELTA [Delta Electronics, Inc.]
Trang chủ  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

EFB0412MD bảng dữ liệu(HTML) 2 Page - Delta Electronics, Inc.

  EFB0412MD Datasheet HTML 1Page - Delta Electronics, Inc. EFB0412MD Datasheet HTML 2Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
59
http://www.deltaww.com
EFB 40 x 40 x 20 MM SERIES
■
DIMENSIONS DRAWING
■
P & Q CURVE (AT RATED VOLTAGE)
■
MOUNTING PANEL CUTOUT
* Bearing Type
Ball Bearings
* Material
Impeller & Frame : Plastic (UL 94V-0)
* Lead Wires :
UL 1061 AWG #24 OR Equivalent
Red Wire Positive (+)
Black Wire Negative(-)
* Weight : 33g (1.16 oz)
* Flange Type Only
MODEL
Rated
Voltage
Operating
Voltage
Range
Rated
Current
Rated
Input
Power
Speed
Maximum
Air Flow
Maximum
Air Pressure
Noise
PART NO.
REV.
FUNCTION
VDC
VDC
Amp
Watt
R.P.M. m3 /min
CFM
mmH2O IN H2O
dB-A
EFB0412LD
-C
-R00 / -F00
12
7.0 to 13.2
0.06
0.72
5000
0.151
5.32
2.76
0.109
22.5
EFB0412MD
-C
-R00 / -F00
12
7.0 to 13.2
0.07
0.84
6300
0.191
6.74
4.42
0.174
26.0
EFB0412HD
-C
-R00 / -F00
12
7.0 to 13.2
0.11
1.32
7600
0.232
8.21
6.38
0.251
31.0
EFB0412HHD
-C
-R00 / -F00
12
7.0 to 13.2
0.12
1.44
8200
0.258
9.12
7.78
0.306
33.0
EFB0412VHD
-C
-R00 / -F00
12
7.0 to 13.2
0.14
1.68
9000
0.283
9.99
9.26
0.364
35.0
* Function type is optional.
* The max. air flow and the speed are measured in free air ; max. air pressure is measured at zero air flow.
* Noise is measured in anechoic chamber in free air, one meter from intake side.
* All readings are typical values at rated voltage.
* Specifications are subject to change without notice.
0
0.08
0.16
0.24
0.32
0.40
0.48
(CFM)
12.8
9.6
6.4
3.2
0
Air Flow
3
(M /MIN)
VH
HH
H
M
L
mm
(INCH)
UNIT :
EFB0412XD-C
0
.08 .16
.32
.24
.40
12.0
10.0
8.0
4.0
2.0
0
6.0
OUTLET SIDE
INLET SIDE
UNIT : (INCH)
mm
20.0±0.5(0.787±0.020)
(0.118±0.012)
3.0±0.3
3.0±0.3
(0.118±0.012)
32.0±0.3
40.0±0.5
10.0(0.394)
4-Ø3.5±0.2
(4-Ø0.138±0.008)
(12.992±0.394)
330.0±10.0
LABEL
(1.260±0.012)
(1.575±0.020)
32.0
(1.260)
4-Ø3.5
(4-Ø0.138)
32.0
(1.260)
4-Ø3.5
(4-Ø0.138)
0
0.08
0.16
0.24
0.32
0.40
0.48
(CFM)
12.8
9.6
6.4
3.2
0
Air Flow
3
(M /MIN)
VH
HH
H
M
L
mm
(INCH)
UNIT :
EFB0412XD-C
0
.08 .16
.32
.24
.40
12.0
10.0
8.0
4.0
2.0
0
6.0
OUTLET SIDE
INLET SIDE
UNIT : (INCH)
mm
20.0±0.5(0.787±0.020)
(0.118±0.012)
3.0±0.3
3.0±0.3
(0.118±0.012)
32.0±0.3
40.0±0.5
10.0(0.394)
4-Ø3.5±0.2
(4-Ø0.138±0.008)
(12.992±0.394)
330.0±10.0
LABEL
(1.260±0.012)
(1.575±0.020)
32.0
(1.260)
4-Ø3.5
(4-Ø0.138)
32.0
(1.260)
4-Ø3.5
(4-Ø0.138)



Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com