công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

XLL bảng dữ liệu(PDF) 2 Page - Integrated Device Technology

tên linh kiện XLL
Giải thích chi tiết về linh kiện  IDT XO LVDS Crystal Oscillator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IDT [Integrated Device Technology]
Trang chủ  http://www.idt.com
Logo IDT - Integrated Device Technology

XLL bảng dữ liệu(HTML) 2 Page - Integrated Device Technology

  XLL_17 Datasheet HTML 1Page - Integrated Device Technology XLL_17 Datasheet HTML 2Page - Integrated Device Technology XLL_17 Datasheet HTML 3Page - Integrated Device Technology XLL_17 Datasheet HTML 4Page - Integrated Device Technology XLL_17 Datasheet HTML 5Page - Integrated Device Technology XLL_17 Datasheet HTML 6Page - Integrated Device Technology XLL_17 Datasheet HTML 7Page - Integrated Device Technology XLL_17 Datasheet HTML 8Page - Integrated Device Technology XLL_17 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
IDT XO LVDS CRYSTAL OSCILLATOR
2
JUNE 20, 2017
XLL DATASHEET
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the XLL. These ratings, which are standard values for
IDT commercially rated parts, are stress ratings only. Functional operation of the device at these or any other conditions above
those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions
for extended periods can affect product reliability. Electrical parameters are guaranteed only over the recommended operating
temperature range.
ESD Compliance
Mechanical Testing
Solder Reflow Profile
Item
Rating
VDD
-0.5 to +5.0V
E/D
-0.5V to VDD + 0.5V
OUT
-0.5V to VDD + 0.5V
Storage Temperature
-55°C to 125°C
Theta Ja (Junction to Ambient)
102°C/W – Still Air
Human Body Model (HBM
1000V
Machine Model (MM)
150V
Parameter
Test Method
Mechanical Shock
Drop from 75cm to hardwood surface–3 times
Mechanical Vibration
10–55Hz, 1.5mm amplitude, 1 minute sweep
2 hours each in 3 directions (X, Y, Z)
High Temperature Burn-in
Under power at 125°C for 2000 hours
Hermetic Seal
He pressure: 4 ±1kgf/cm2 2 hour soak
tP
10 seconds Max within
5°C of 260°C peak
Ramp down not
to exceed 6°C/s
Ramp up 3°C/s Max
120 ±20 seconds
in pre-heating
area
50 ±10
seconds
above 225°C
reflow area
400 seconds MAX from +25°C to 260°C peak
25°C
160°C
180°C
225°C
260°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com