| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MM74HCT151 bảng dữ liệu(PDF) 3 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
MM74HCT151 bảng dữ liệu(HTML) 3 Page - National Semiconductor (TI) |
|
3 / 4 page ![]() AC Electrical Characteristics VCCe5V TAe25 C CLe15 pF tretfe6ns Symbol Parameter Conditions Typ Guaranteed Units Limit tPHL tPLH Maximum Propagation Delay ns A BorCtoY tPHL tPLH Maximum Propagation Delay ns A BorCtoW tPHL tPLH Maximum Propagation Delay ns AnyDtoY tPHL tPLH Maximum Propagation Delay ns anyDtoW tPHL tPLH Maximum Propagation Delay ns Strobe to Y tPHL tPLH Maximum Propagation Delay ns Strobe to W AC Electrical Characteristics VCC e 50V g10% CLe50 pF tretfe6 ns (unless otherwise specified) TAe25 C 74HCT 54HCT Symbol Parameter Conditions TAeb40 Cto a85 CTAeb55 Cto a125 C Units Typ Guaranteed Limits tPHL tPLH Maximum Propagation Delay ns A BorCtoY tPHL tPLH Maximum Propagation Delay ns A BorCtoW tPHL tPLH Maximum Propagation Delay ns anyDtoY tPHL tPLH Maximum Propagation Delay ns anyDtoW tPHL tPLH Maximum Propagation Delay ns Strobe to Y tPHL tPLH Maximum Propagation Delay ns Strobe to W tTLH tTHL Maximum Output Rise ns and Fall Time CPD Power Dissipation per package pF Capacitance Note CIN Maximum Input pF Capacitance Note 5 CPD determines the no load dynamic power consumption PDeCPD VCC2 faICC VCC and the no load dynamic current consumption ISeCPD VCC faICC 3 |