| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
D22048LP bảng dữ liệu(PDF) 4 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
|
|||||||||||||||||||||||||||||
D22048LP bảng dữ liệu(HTML) 4 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
4 / 10 page ![]() Series D2 PCB Mount Miniature Toggles A27 A www.nkkswitches.com AT444 Bat Lever Conical Cap Material: Polyethylene Colors Available: A B C E F G AT415 Bat Lever Cap Material: Polyethylene Colors Available: A B C E F G Toggle Position ( ) = Momentary Connected Terminals Throw & Schematics Pole Model Down Center Up Down Center Up Note: Terminal numbers are not actually on the switch. SP D22012 D22013 D22015 D22018 D22019 ON ON ON (ON) ON NONE OFF NONE OFF OFF ON ON (ON) (ON) (ON) 2-3 OPEN 2-1 SPDT DP D22022 D22023 D22025 D22028 D22029 ON ON ON (ON) ON NONE OFF NONE OFF OFF ON ON (ON) (ON) (ON) 2-3 5-6 OPEN 2-1 5-4 DPDT 4P D22042 ON NONE ON 2-3 5-6 8-9 11-12 OPEN 2-1 5-4 8-7 11-10 4PDT ACTUATORS POLES & CIRCUITS 2 (COM) 1 3 4 6 1 3 25 (COM) L OPTIONAL CAPS & CAP COLORS Material: Chrome over brass Material: Chrome over brass .413” (10.5mm) Bat Lever No Code .413” (5.1mm) Diameter Locking Lever PC TERMINALS 11 10 12 7 9 4 6 1 3 2 58 (COM) Straight Straight with Bracket P B Right Angle with Bracket Vertical with Bracket V H AT427 Cap Supplied with Locking Lever Material: Anodized Aluminum Colors Available: A C G (2.8) Dia .110 24° (10.5) .413 (5.1) Dia .201 24° M6 P0.75 (17.9) .705 (6.1) .240 (19.4) .764 (8.0) .315 (4.6) Dia .181 (7.0) .275 (5.1) Dia .201 24° (17.9) .705 (19.4) .764 (8.0) .315 (4.6) Dia .181 (4.8) Dia .189 (13.1) .516 (11.5) .452 24° 24° (5.0) Dia .197 (13.5) .532 (12.0) .472 A Black B White C Red E Yellow F Green G Blue Colors Codes: Keyway Keyway |