công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LD1117S25C bảng dữ liệu(PDF) 24 Page - STMicroelectronics

tên linh kiện LD1117S25C
Giải thích chi tiết về linh kiện  LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD1117S25C bảng dữ liệu(HTML) 24 Page - STMicroelectronics

Back Button LD1117S25C Datasheet HTML 20Page - STMicroelectronics LD1117S25C Datasheet HTML 21Page - STMicroelectronics LD1117S25C Datasheet HTML 22Page - STMicroelectronics LD1117S25C Datasheet HTML 23Page - STMicroelectronics LD1117S25C Datasheet HTML 24Page - STMicroelectronics LD1117S25C Datasheet HTML 25Page - STMicroelectronics LD1117S25C Datasheet HTML 26Page - STMicroelectronics LD1117S25C Datasheet HTML 27Page - STMicroelectronics LD1117S25C Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
Package mechanical data
LD1117 series
24/38
7
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second Level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38