| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
G3T28AB-R bảng dữ liệu(PDF) 4 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
|
|||||||||||||||||||||||||||||
G3T28AB-R bảng dữ liệu(HTML) 4 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
4 / 6 page ![]() Series G3T Process Sealed Ultra-Miniature SMT Toggles A45 A www.nkkswitches.com TYPICAL SWITCH DIMENSIONS Right Angle Mounting Single & Double Pole Upright Mounting with Bracket G3T12AP G3T22AB Single & Double Pole Upright Mounting G3T12AH Single Pole Double Pole Pad Layouts for Upright Mounting Upright Mounting with Bracket Right Angle Mounting Surface Mount Terminals Single Pole Double Throw Double Pole Double Throw (8.5) .335 (5.08) .200 Support Legs 4 5 6 (0.5) Typ .020 (7.6) .299 (3.8) .150 (9.0) .354 (0.1) .004 (1.5) .059 (0.7) .028 28° (1.7) Dia .067 (4.0) Dia .157 (0.25) Typ .010 (0.6) Typ .024 Slot (5.0) .197 1 2 3 4 5 6 (8.5) .335 (7.6) .299 (0.5) Typ .020 (0.6) Typ .024 Slot (5.0) .197 (3.8) .150 (9.0) .354 (0.1) .004 (1.5) .059 (0.7) .028 28° (1.7) Dia .067 (4.0) Dia .157 (0.25) Typ .010 (5.08) .200 Support Legs (3.8) .150 (1.2) Typ .047 4 5 6 (11.0) .433 (0.5) Typ .020 (0.9) Typ .035 (7.6) .299 (3.8) .150 (1.2) Typ .047 4 5 6 (11.0) .433 (0.5) Typ .020 (0.9) Typ .035 (7.6) .299 1 2 3 Slot (8.5) .335 (0.25) Typ .010 28° (1.7) Dia .067 (3.8) Typ .150 (2.54) Typ .100 (1.25) Typ .049 (11.0) .433 (0.5) Typ .020 (0.9) Typ .035 (0.55) .022 (9.0) .354 (3.8) .150 (1.5) .059 (4.0) Dia .157 (0.25) .010 6 54 (5.55) .219 (0.1) .004 635 24 1 (5.55) .219 (0.1) .004 (1.1) Typ .043 (3.8) .150 (1.7) Typ .067 (2.54) Typ .100 (0.635) .025 (0.7) Typ .028 (1.55) Typ .061 (3.0) .118 (9.75) .384 4 5 6 (1.1) Typ .043 (3.8) .150 (1.7) Typ .067 (1.27) Typ .050 (0.635) Typ .025 (0.7) Typ .028 (1.55) Typ .061 (3.0) .118 (9.75) .384 1 4 2 5 3 6 (1.7) Typ .067 (3.8) .150 (1.1) Typ .043 (1.55) Typ .061 (0.635) .025 (0.7) Typ .028 4 5 6 (2.54) Typ .100 Support Pads (9.75) .384 (6.0) .236 (0.635) .025 (2.54) Typ .100 (1.7) Typ .067 (0.635) .025 (0.7) Typ .028 4 5 6 (2.54) Typ .100 (6.0) .236 Support Pads (0.635) .025 (2.54) Typ .100 (1.7) Typ .067 (0.635) .025 (0.7) Typ .028 4 5 6 (2.54) Typ .100 (6.0) .236 (0.635) .025 (2.54) Typ .100 1 2 3 (1.7) Typ .067 (3.8) .150 (1.1) Typ .043 (1.55) Typ .061 (0.635) Typ .025 (0.7) Typ .028 4 5 6 (2.54) Typ .100 (9.75) .384 (6.0) .236 1 2 3 (0.635) .025 (2.54) Typ .100 |