công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ICS1708N bảng dữ liệu(PDF) 14 Page - List of Unclassifed Manufacturers

tên linh kiện ICS1708N
Giải thích chi tiết về linh kiện  QuickSaver Charge Control IC for Nickel-Cadmium and Nickel-Metal Hydride Batteries
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC - List of Unclassifed Manufacturers

ICS1708N bảng dữ liệu(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button ICS1708N Datasheet HTML 8Page - List of Unclassifed Manufacturers ICS1708N Datasheet HTML 9Page - List of Unclassifed Manufacturers ICS1708N Datasheet HTML 10Page - List of Unclassifed Manufacturers ICS1708N Datasheet HTML 11Page - List of Unclassifed Manufacturers ICS1708N Datasheet HTML 12Page - List of Unclassifed Manufacturers ICS1708N Datasheet HTML 13Page - List of Unclassifed Manufacturers ICS1708N Datasheet HTML 14Page - List of Unclassifed Manufacturers ICS1708N Datasheet HTML 15Page - List of Unclassifed Manufacturers ICS1708N Datasheet HTML 16Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
ICS1708
Package Information
Ordering Information
ICS1708S, ICS1708ST, ICS1708N
Example:
ICS 1708 ST
Package type:
N=
DIP 300 mil (Plastic)
S=
SOIC 150 mil
ST=
SOIC 150 mil Tape and Reel
Device type:
Consists of 3 to 5 digits or numbers
Prefix:
ICS = Intelligent Charging Solution standard device
0.025
0.050
0.008
0.236
0.154
All package dimensions are in inches.
0.155
0.016
0.016
0.050
0.006
0.058
0.193
0.008
ICS1708S
8-Pin SOIC Package (150 mil)
0.035
YRWK
GPI
0.018
0.060
0.250
0.375
0.130
0.130
0.015
0.018
0.100
0.060
0.310
0.250
0.350
0.010
All package dimensions are in inches.
8-Pin DIP package (300 mil)
QuickSaver
®
ICS1708N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16