| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ICS1708 bảng dữ liệu(PDF) 14 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
ICS1708 bảng dữ liệu(HTML) 14 Page - List of Unclassifed Manufacturers |
|
14 / 16 page ![]() 14 ICS1708 Package Information Ordering Information ICS1708S, ICS1708ST, ICS1708N Example: ICS 1708 ST Package type: N= DIP 300 mil (Plastic) S= SOIC 150 mil ST= SOIC 150 mil Tape and Reel Device type: Consists of 3 to 5 digits or numbers Prefix: ICS = Intelligent Charging Solution standard device 0.025 0.050 0.008 0.236 0.154 All package dimensions are in inches. 0.155 0.016 0.016 0.050 0.006 0.058 0.193 0.008 ICS1708S 8-Pin SOIC Package (150 mil) 0.035 YRWK GPI 0.018 0.060 0.250 0.375 0.130 0.130 0.015 0.018 0.100 0.060 0.310 0.250 0.350 0.010 All package dimensions are in inches. 8-Pin DIP package (300 mil) QuickSaver ® ICS1708N |