| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GL813 bảng dữ liệu(PDF) 17 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
GL813 bảng dữ liệu(HTML) 17 Page - List of Unclassifed Manufacturers |
|
17 / 24 page ![]() GL813 - USB2.0 CompactFlash Card Reader Controller ©2001-2002 Genesys Logic Inc.—All rights reserved. Page 17 of 24 5.2 Receive Operation 5.2.1 Receive State Diagram RXACTV and RXVLD are sampled on the rising edge of CLKOUT. In the RX Wait state the receiver is always looking for SYNC. The Macrocell asserts RXACTV when SYNC is detected (Strip SYNC state). The Macrocell negates RXACTV when an EOP is detected (Strip EOP state). When RXACTV is asserted, RXVLD will be asserted if the RX Holding Register is full. RXVLD will be negated if the RX Holding Register was not loaded during the previous byte time. This will occur if 8 stuffed bits have been accumulated. The SIE must be ready to consume a data byte if RXACTV and RXVLD are asserted (RX Data state). In FS mode, if a bit stuff error is detected then the Receive State Machine will negate RXACTV and RXVLD, and return to the RXWait state. Reset !RXACTV !RXVLD RX Wait Trip SYNC RXACTV Rx Data RXVLD RX Data Wait !RXVLD Strip EOP !RXACTV !RXVLD HRST# !HRST# SYNC Detected Data !Data !SYNC SYNC Data Data Abort 1 !RXACTV !RXVLD !RXERR Terminate !RXACTV Abort 2 !RXVLD !RXERR Error RXERR EOP Detected !Data Receive Error !Idle state Idle state |