| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SMM4F20A-TR bảng dữ liệu(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SMM4F20A-TR bảng dữ liệu(HTML) 2 Page - STMicroelectronics |
|
2 / 12 page ![]() Characteristics SMM4FxxA 2/12 DocID14250 Rev 4 1 Characteristics Table 1: Absolute maximum ratings (Tamb = 25 °C) Symbol Parameter Value Unit VPP Peak pulse voltage (IEC 61000-4-2 contact discharge) 30 kV PPP Peak pulse power dissipation Tj initial = Tamb 400 W P Power dissipation on infinite heatsink Tamb = 125 °C 2.5 W IFSM Non repetitive surge peak forward current for unidirectional types tp = 10 ms Tj initial = Tamb 30 A Tstg Storage temperature range -65 to +175 °C Tj Operating junction temperature range -55 to +175 °C TL Maximum lead temperature for soldering during 10 s 260 °C Table 2: Thermal resistances Symbol Parameter Value Unit Rth(j-l) Junction to leads 20 °C/W Rth(j-a) Junction to ambient on PCB with recommended pad layout 250 Figure 1: Electrical characteristics - parameter definitions (Tamb = 25 °C) |