| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SMM4F18A-TR bảng dữ liệu(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SMM4F18A-TR bảng dữ liệu(HTML) 6 Page - STMicroelectronics |
|
6 / 12 page ![]() Package information SMM4FxxA 6/12 DocID14250 Rev 4 2 Package information In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK® packages, depending on their level of environmental compliance. ECOPACK® specifications, grade definitions and product status are available at: www.st.com. ECOPACK® is an ST trademark. Case: JEDEC DO216-AA Flat molded plastic over planar junction Terminals: solder plated, solderable per MIL-STD-750, method 2026 Polarity: for unidirectional types the band indicates cathode. Flammability: epoxy is rated UL94V-0 RoHS package |