công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST2L05R1825PS bảng dữ liệu(PDF) 12 Page - STMicroelectronics

tên linh kiện ST2L05R1825PS
Giải thích chi tiết về linh kiện  VERY LOW QUIESCENT CURRENT DUAL VOLTAGE REGULATOR
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2L05R1825PS bảng dữ liệu(HTML) 12 Page - STMicroelectronics

Back Button ST2L05R1825PS Datasheet HTML 8Page - STMicroelectronics ST2L05R1825PS Datasheet HTML 9Page - STMicroelectronics ST2L05R1825PS Datasheet HTML 10Page - STMicroelectronics ST2L05R1825PS Datasheet HTML 11Page - STMicroelectronics ST2L05R1825PS Datasheet HTML 12Page - STMicroelectronics ST2L05R1825PS Datasheet HTML 13Page - STMicroelectronics ST2L05R1825PS Datasheet HTML 14Page - STMicroelectronics ST2L05R1825PS Datasheet HTML 15Page - STMicroelectronics ST2L05R1825PS Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
ST2L05
12/23
Table 13: Electrical Characteristics Of Adjustable Output (IO = 10mA to 1A, TJ = 0 to 125°C,
VI = 4.5V to 7V, CI = 4.7µF, CO1 = CO2 = 4.7µF, otherwise specified)
NOTE 1: Bandwidth of 10 Hz to 10KHz.
NOTE 2: 120Hz input ripple.
NOTE 3: CI = 20µF, C1 and CO2 = 10µF. CI, CO1 and CO2 are all X7R ceramic capacitors.
NOTE 4: Guaranteed by design, not tested in production.
NOTE 5: % undershoot or overshoot of VO.
APPLICATION HINTS
EXTERNAL CAPACITORS
Like any low-dropout regulator, the ST2L05 requires external capacitors for stability. We suggest
soldering both capacitors as close as possible to the relative pins (1, 4 and 5).
INPUT CAPACITOR
An input capacitor, whose value is, at least, 2.2µF is required; the amount of the input capacitance can be
increased without limit if a good quality tantalum or aluminium capacitor is used.SMD X7R or Y5V ceramic
multilayer capacitors could not ensure stability in any condition because of their variable characteristics
with Frequency and Temperature; the use of this capacitor is strictly related to the use of the output
capacitors. For more details read the “OUTPUT CAPACITOR SECTION”.The input capacitor must be
located at a distance of not more than 0.5" from the input pin of the device and returned to a clean analog
ground.
OUTPUT CAPACITOR
The ST2L05 is designed specifically to work with Ceramic and Tantalum capacitors.Special care must be
taken when a Ceramic multilayer capacitor is used.Due to their characteristics they can sometimes have
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VO
Reference Voltage
IO = 5mA to 1A, VI = 4.75 to 5.25V,
T = 25°C
1.225
1.25
1.275
V
VO
Reference Voltage
IO = 5mA to 1A, VI = 4.75 to 5.25V
1.212
1.25
1.287
V
∆V
O2
Line Regulation 2
VI = 4.75 to 5.25V, IO = 5mA to 1A
0.35
%
∆V
O2
Load Regulation 2
VI = 4.75V, IO = 10mA to 1A
0.4
%
VD
Dropout Voltage
∆V
O = -1%
IO = 1A
1.3
V
IS
Current Limit
VI = 5.5V
1
A
IADJ
Adjustable Current (sinking)
1
µA
I∆ADJ
Adjustable Current Change
IO = 10mA to 1A
200
nA
IOMIN
Min. Output Current for
regulation
2mA
eN
RMS Output Noise (1)(4)
T = 25°C
0.003
%
SVR
Supply Voltage
Rejection (2)(4)
VI = 5V
60
dB
∆V
O2/∆IO2 Transient Response
Change of VO1 with step
load change(3)(4)
VI = 5V, IO = 1mA to 1A, tr ≥ 1µs
10(5)
%
VI = 5V, IO = 1A to 1mA, tf ≥ 1µs
10(5)
∆V
O2/∆VI
Transient Response
Change of VOUT1 with
application of VI
(3)(4)
0 to 5V step input, IO= 1mA to 1A,
tr ≥ 1µs
10(5)
%
∆V
O2/∆IO2 Transient Response Short
Circuit Removal
Response (3)(4)
VI = 5V, IO = short to IO = 10mA
20(5)
%
TR
Thermal Regulation (4)
IO = 1A, tPULSE = 30ms
0.1
%/W
S
Temperature Stability (4)
0.5
%
S
Long Term Stability (4)
(1000Hrs)
TJ = 125°C
0.3
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com