| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MAS3587F bảng dữ liệu(PDF) 8 Page - Micronas |
|
|
|||||||||||||||||||||||||||||
MAS3587F bảng dữ liệu(HTML) 8 Page - Micronas |
|
8 / 82 page ![]() MAS 3587F ADVANCE INFORMATION 8 Micronas 2.5. Firmware and Software 2.5.1. Internal Program ROM and Firmware, MPEG-Encoding/Decoding The firmware implemented in the program ROM of the MAS 3587F provides MPEG 1/2 Layer 3 encoding and decoding of MPEG 1/2 Layer 2 and MPEG 1/2 Layer 3. The DSP operating system starts the firmware in the “Application Selection Mode”. By setting the appropri- ate bit in the Application Select memory cell (see Table 3–6 on page 33), the MPEG audio encoder or decoder can be activated. The MPEG decoder provides an automatic standard detection mode. If all MPEG audio decoders are selected, the Layer 2 or Layer 3 bitstream is recog- nized and decoded automatically. For general control purposes, the operation system provides a set of I2C instructions that give access to internal DSP registers and memory areas. An auxiliary digital volume control and mixer matrix is applied to the digital stereo audio data. This matrix is capable of performing the balance control and a simple kind of stereo basewidth enhancement. All four factors LL, LR, RL, and RR are adjustable, please refer to Fig. 3–3 on page 41. Fig. 2–2: Encoder Signal Flow Fig. 2–3: Decoder Signal Flow OUT A/D Audio Proc. D/A Encoder MIX SDO S/PDIF PIO S/PDIF S/PDIF2 SDI LINE IN MIC IN OUT A/D Audio Proc. D/A Decoder MIX SDO S/PDIF PIO SDIB LINE IN DSP Volume Matrix MIC IN |