công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN904 bảng dữ liệu(PDF) 2 Page - STMicroelectronics

tên linh kiện AN904
Giải thích chi tiết về linh kiện  MAGNETIC AMPLIFIER WITH LPR30 CONTROLLER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN904 bảng dữ liệu(HTML) 2 Page - STMicroelectronics

  AN904 Datasheet HTML 1Page - STMicroelectronics AN904 Datasheet HTML 2Page - STMicroelectronics AN904 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LPR30 CONTROLLER
Using the LPR30 like controller (as shown in fig.2) , in the
PWM (Auxiliary Outputs) the pulse width is
controlled by sensing the output voltage comparing it (pin 6) to the internal reference (pin 4) and using
the Error signal to adjust the pulse duration. Without any MAG AMP plus controller, in the Auxiliary cir-
cuits the outputs would be " semi - regulated ", since the primary control loop would provide line regula-
tion. But the other output would vary with load and temperature.
Besides, the LPR30 controller plus MAG AMP is particularly advantageous when independent current
limiting for the auxiliary outputs is desired, due to the fact the LPR30 is able to monitor even the current.
It is always active and together with MAG AMP provides an exceptionaly smooth transition as the output
loaded beyond the current limit and then returned to normal load condition.
To do this job, the LPR30 uses its second internal comparator ( CURRENT LIMIT AMPLIFIER , pin 2
and pin 3 see fig.3) that has an artificial offset of 50mV.
This means that when the voltage to the RSENSE is more than 50mV, the CURRENT LIMIT AMPLIFIER
recognises that the current is more than the nominal one generating then an error signal that is applied
to the MAG AMP RESET TRANSISTOR.
The increase in reset current decreases the pulses width at the output of the MAG AMP and thus op-
poses the increase in current which was sensed by RSENSE .
V+
PWM
DRIVER
VIN
5
LIM
3
LIM+
2
ERR
7
VREF
ERR+
8
1
6
4
LPR30
Rsense
SR
CR1
L4
CR2
AUXILIARY Vout
-
+
CR3
+6
+
CURR
L M
GND
REF
AM P
ERR
CR2
MAIN Vout
-
+
FEEDBAK
Figure 2.
VIN
5
LIM
3
LIM+
2
ERR
7
VREF
ERR+
8
1
6
4
LPR30
Rsense
SR
CR1
L4
CR2
Vout
-
+
CR3
+6
+
V+
PWM
CONTROLLER
CURR
L M
GND
REF
AMP
ERR
CR4
CURRENT
CONTROL
Figure 3.
AN904 APPLICATION NOTE
2/3



Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com