| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AS300G13 bảng dữ liệu(PDF) 2 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
AS300G13 bảng dữ liệu(HTML) 2 Page - List of Unclassifed Manufacturers |
|
2 / 6 page ![]() 2 ASTEC Semiconductor AS300 Shunt Temperature Sensor Functional Block Diagram Pin Function Description Pin Number TO, SOT SOIC Function Description 1 1 GND (S) Optional sense pin ground, otherwise tie to substrate pin GND (F). 2 2 GND (F) Signal ground and circuit substrate. 3 6 V TEMP (F) Output voltage proportional to temperature. V TEMP is nominally 3.00 V at 27¡C (300 K) and increases at 10 mV/¡C. Ð 5 V TEMP (S) Optional sense pin for V TEMP. Available on the 8L SOIC package only. Tie pin to V TEMP (F) if not using force/sense metering. 10 mV/ °C GND V TEMP + + – – Absolute Maximum Ratings Parameter Symbol Rating Unit Supply Current I REF 20 mA Continuous Power Dissipation at 25¡C P D TO-92 775 mW SOT-223 1250 mW 8L SOIC 750 mW SOT-23/3L 200 mW Junction Temperature T J 150 ¡C Operating Temperature Ð40 to 125 ¡C Storage Temperature T STG Ð65 to 150 ¡C Lead Temp, Soldering 10 Seconds T L 300 ¡C Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sec- tions of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. |