công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

12F508 bảng dữ liệu(PDF) 18 Page - Microchip Technology

tên linh kiện 12F508
Giải thích chi tiết về linh kiện  8/14-Pin, 8-Bit Flash Microcontrollers
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

12F508 bảng dữ liệu(HTML) 18 Page - Microchip Technology

Back Button 12F508 Datasheet HTML 14Page - Microchip Technology 12F508 Datasheet HTML 15Page - Microchip Technology 12F508 Datasheet HTML 16Page - Microchip Technology 12F508 Datasheet HTML 17Page - Microchip Technology 12F508 Datasheet HTML 18Page - Microchip Technology 12F508 Datasheet HTML 19Page - Microchip Technology 12F508 Datasheet HTML 20Page - Microchip Technology 12F508 Datasheet HTML 21Page - Microchip Technology 12F508 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 98 page
background image
PIC12F508/509/16F505
DS41236A-page 16
Preliminary
 2004 Microchip Technology Inc.
4.2
Program Memory Organization
For The PIC16F505
The PIC16F505 device has a 11-bit Program Counter
(PC) capable of addressing a 2K x 12 program memory
space.
The 1K x 12 (0000h-03FFh) for the PIC16F505 are
physically implemented. Refer to Figure 4-2. Access-
ing a location above this boundary will cause a wrap-
around within the first 1K x 12 space. The effective
Reset vector is at 0000h (see Figure 4-2). Location
03FFh contains the internal oscillator calibration value.
This value should never be overwritten.
FIGURE 4-2:
PROGRAM MEMORY MAP
AND STACK FOR THE
PIC16F505
4.3
Data Memory Organization
Data memory is composed of registers or bytes of
RAM. Therefore, data memory for a device is specified
by its register file. The register file is divided into two
functional groups: Special Function Registers (SFR)
and General Purpose Registers (GPR).
The Special Function Registers include the TMR0 reg-
ister, the Program Counter (PCL), the Status register,
the I/O registers (ports) and the File Select Register
(FSR). In addition, Special Function Registers are used
to control the I/O port configuration and prescaler
options.
The General Purpose Registers are used for data and
control information under command of the instructions.
For the PIC12F508/509, the register file is composed of
7 Special Function Registers, 9 General Purpose
Registers and 16 or 32 General Purpose Registers
accessed by banking (see Figure 4-3 and Figure 4-4).
For the PIC16F505, the register file is composed of 8
Special Function Registers, 8 General Purpose
Registers and 64 General Purpose Registers accessed
by banking (Figure 4-5).
4.3.1
GENERAL PURPOSE REGISTER
FILE
The General Purpose Register file is accessed, either
directly or indirectly, through the File Select Register
(FSR). See Section 4.9 “Indirect Data Addressing:
INDF and FSR Registers”.
CALL, RETLW
PC<11:0>
Stack Level 1
Stack Level 2
12
0000h
7FFh
01FFh
0200h
Reset Vector(1)
Note
1:
Address 0000h becomes the
effective Reset vector. Location
03FFh contains the MOVLW XX
internal oscillator calibration value.
1024 Words
03FFh
0400h
On-chip Program
Memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com