| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AT45DB161B-RU bảng dữ liệu(PDF) 11 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT45DB161B-RU bảng dữ liệu(HTML) 11 Page - ATMEL Corporation |
|
11 / 33 page ![]() 11 AT45DB161B 2224I–DFLSH–10/04 Note: r = Reserved Bit P = Page Address Bit B = Byte/Buffer Address Bit x = Don’t Care Table 4. Detailed Bit-level Addressing Sequence Opcode Opcode Address Byte Address Byte Address Byte Additional Don’t Care Bytes Required 50H 0 101 000 0r r P PPPPPP PP xxxx xxxxx xxxx N/A 52H 0 101 001 0r r P PPPPPP PPPPPB BBBBB BBBB 4 Bytes 53H 0 101 001 1r r P PPPPPP PPPPP x xxxxx xxxx N/A 54H 0 1 0 1 0 1 0 0 xxx xxxxxx xxxxx B BBBBB BBBB 1 Byte 55H 0 101 010 1r r P PPPPPP PPPPP x xxxxx xxxx N/A 56H 0 1 0 1 0 1 1 0 xxx xxxxxx xxxxx B BBBBB BBBB 1 Byte 57H 0 101 011 1 N/A N/A N/A N/A 58H 0 101 100 0r r P PPPPPP PPPPP x xxxxx xxxx N/A 59H 0 101 100 1r r P PPPPPP PPPPP x xxxxx xxxx N/A 60H 0 110 000 0r r P PPPPPP PPPPP x xxxxx xxxx N/A 61H 0 110 000 1r r P PPPPPP PPPPP x xxxxx xxxx N/A 68H 0 110 100 0r r P PPPPPP PPPPPB BBBBB BBBB 4 Bytes 81H 1 000 000 1r r P PPPPPP PPPPP x xxxxx xxxx N/A 82H 1 000 001 0r r P PPPPPP PPPPPB BBBBB BBBB N/A 83H 1 000 001 1r r P PPPPPP PPPPP x xxxxx xxxx N/A 84H 1 0 0 0 0 1 0 0 xxx xxxxxx xxxxx B BBBBB BBBB N/A 85H 1 000 010 1r r P PPPPPP PPPPPB BBBBB BBBB N/A 86H 1 000 011 0r r P PPPPPP PPPPP x xxxxx xxxx N/A 87H 1 0 0 0 0 1 1 1 xxx xxxxxx xxxxx B BBBBB BBBB N/A 88H 1 000 100 0r r P PPPPPP PPPPP x xxxxx xxxx N/A 89H 1 000 100 1r r P PPPPPP PPPPP x xxxxx xxxx N/A D2H 1 101 001 0r r P PPPPPP PPPPPB BBBBB BBBB 4 Bytes D4H 1 1 0 1 0 1 0 0 xxx xxxxxx xxxxx B BBBBB BBBB 1 Byte D6H 1 1 0 1 0 1 1 0 xxx xxxxxx xxxxx B BBBBB BBBB 1 Byte D7H 1 101 011 1 N/A N/A N/A N/A E8H 1 110 100 0r r P PPPPPP PPPPPB BBBBB BBBB 4 Bytes |