công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLFD600 bảng dữ liệu(PDF) 9 Page - Texas Instruments

tên linh kiện TLFD600
Giải thích chi tiết về linh kiện  ADSL CODEC WITH INTEGRATED LINE DRIVER AND RECEIVER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TLFD600 bảng dữ liệu(HTML) 9 Page - Texas Instruments

Back Button TLFD600 Datasheet HTML 5Page - Texas Instruments TLFD600 Datasheet HTML 6Page - Texas Instruments TLFD600 Datasheet HTML 7Page - Texas Instruments TLFD600 Datasheet HTML 8Page - Texas Instruments TLFD600 Datasheet HTML 9Page - Texas Instruments TLFD600 Datasheet HTML 10Page - Texas Instruments TLFD600 Datasheet HTML 11Page - Texas Instruments TLFD600 Datasheet HTML 12Page - Texas Instruments TLFD600 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
TLFD600
ADSL CODEC WITH INTEGRATED LINE DRIVER AND RECEIVER
SLAS280B – MAY 2000 – REVISED NOVEMBER 2000
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
primary transfer data mapping
The data bit mapping of a primary transfer is shown in Figure 3. D15 – D2 bits of the SDR data stream are DAC
data. D1 is unused. D0 is the secondary transfer request bit. When a 1 is written to D0, the host is requesting
a secondary data transfer.
In the SDX data stream, D15 – D2 contain the ADC conversion data. D1 and D0 can be configured to reflect the
values of GPIO0 and GPIO1, when they are configured as inputs. D1 and D0 will contain zeroes if they are not
configured to reflect their corresponding GPIO pin value, or if the GPIO pin is configured as an output. To
configure D1 and D0 to reflect the GPIO values, the proper bit in the control register needs to be set.
D15 – D2
X
D0
Secondary Transfer Request
DAC Data
D15 – D2
D1
D0
GPIO1 and GPIO0 Status
A/D Data
SDR
SDX
GPIO1
GPIO0
Figure 3. Primary Transfer Data Bit Mapping
secondary transfer data mapping
Secondary serial communication is used to configure the device. The data bit mapping for a secondary transfer
is shown in Figure 4. The D14 – D10 bits of the SDR data, from the host, are the address bits of the control
register involved in the transfer. Bits D7 – D0 contain the data to the register. D15 needs to be set to zero all the
time.
A control register read-back function is not supported. As a result, there is no secondary FSX or SDX.
0
SDR (Write)
A4
A3
A2
A1
A0
D9 D8
D7
Register Address
Don’t Care
Data to the Register
D15
D0
Figure 4. Secondary Transfer Data Bit Mapping
example data transfers
Figure 5 and 6 show the timing relationship for SCLK, FSX, SDX, FSR, and SDR in a primary or secondary
communication. The update rate for TX and RX are controlled by pin configuration and register programming.
The timing sequence for this operation is as follows:
1.
FS is brought high and remains high for one SCLK period, then goes back low.
2.
A 16-bit word is transmitted from the ADC (SDX) and a 16-bit word is received for DAC conversion (SDR).
Figure 5 through 14 show the timing relationship of the data transfers with and without secondary request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com