| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM29SL800DB100 bảng dữ liệu(PDF) 24 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29SL800DB100 bảng dữ liệu(HTML) 24 Page - Advanced Micro Devices |
|
24 / 46 page ![]() ADV ANCE I N FO RMAT I O N March 17, 2003 Am29SL800D 23 Table 6. Write Operation Status Notes: 1. DQ5 switches to ‘1’ when an Embedded Program or Embedded Erase operation has exceeded the maximum timing limits. See “DQ5: Exceeded Timing Limits for more information. 2. DQ7 and DQ2 require a valid address when reading status information. Refer to the appropriate subsection for further details. Operation DQ7 (Note 2) DQ6 DQ5 (Note 1) DQ3 DQ2 (Note 2) RY/BY# Standard Mode Embedded Program Algorithm DQ7# Toggle 0 N/A No toggle 0 Embedded Erase Algorithm 0 Toggle 0 1 Toggle 0 Erase Suspend Mode Reading within Erase Suspended Sector 1 No toggle 0 N/A Toggle 1 Reading within Non-Erase Suspended Sector Data Data Data Data Data 1 Erase-Suspend-Program DQ7# Toggle 0 N/A N/A 0 |