| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
B28LP-JB bảng dữ liệu(PDF) 6 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
|
|||||||||||||||||||||||||||||
B28LP-JB bảng dữ liệu(HTML) 6 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
6 / 8 page ![]() Series B Process Sealed Subminiature Antistatic Toggles A17 A www.nkkswitches.com Single Pole Straight PC Single Pole Straight PC • Bracket Double Pole Straight PC Double Pole Straight PC • Bracket B12AP B22AP B12AB B12AH (2.54) Typ .100 3 1 2 (0.8) Dia Typ .031 (1.0) .039 CL (0.8) Dia Typ .031 6 4 52 3 1 (2.54) Typ .100 (5.08) .200 Single Pole Right Angle PC B22AB (6.0) Dia .236 (0.6) Typ .024 (5.08) .200 (2.6) Dia .102 Slot (3.4) .134 (0.4) .016 (3.1) .122 (5.08) .200 (2.7) .106 (13.9) .546 (10.0) .394 3 2 1 (7.3) .287 (8.8) .346 (0.6) Dia Typ .024 (2.54) Typ .100 (6.0) Dia .236 Slot (8.8) .346 (6.0) .236 (2.6) Dia .102 (0.6) Dia Typ .024 (0.4) Typ .016 26° (2.54) Typ .100 (0.8) .031 (2.7) .106 (10.16) .400 (10.0) .394 (13.1) .516 (3.1) .122 (8.8) .346 (5.08) .200 (0.6) Typ .024 1 2 3 4 5 6 CL 1 2 3 (8.8) .346 (1.0) .039 (2.6) Dia .102 (0.6) Dia Typ .024 26° (3.5) .138 (0.8) .031 (2.54) Typ .100 (3.1) .122 (13.1) .516 (10.0) .394 (8.8) .346 (5.08) .200 1 2 3 4 5 6 26° (2.6) Dia .102 (0.6) Dia Typ .024 (2.54) Typ .100 (3.1) .122 (13.1) .516 (10.0) .394 (3.5) .138 (0.8) .031 (6.0) Dia .236 Slot (8.8) .346 CL (1.0) .039 (2.54) .100 1 2 3 (0.6) Typ .024 (8.8) .346 (2.6) Dia .102 (0.4) Typ .016 (0.6) Dia Typ .024 26° (10.16) .400 (2.54) Typ .100 (0.8) .031 (2.7) .106 (3.1) .122 (13.1) .516 (10.0) .394 Slot (6.0) Dia .236 (6.0) .236 (8.0) .315 (5.08) .200 (0.8) Dia Typ .031 23 1 (2.54) Typ .100 6 4 5 2 3 1 (2.54) Typ .100 (0.8) Dia Typ .031 (5.08) .200 3 1 2 (2.54) Typ .100 (0.8) Dia Typ .031 (1.0) .039 CL (2.54) .100 (6.0) Dia .236 Slot (6.8) .268 TYPICAL SWITCH DIMENSIONS |