công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CS5030RQ bảng dữ liệu(PDF) 5 Page - List of Unclassifed Manufacturers

tên linh kiện CS5030RQ
Giải thích chi tiết về linh kiện  DES/3DES Encryption/Decryption Cores
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

CS5030RQ bảng dữ liệu(HTML) 5 Page - List of Unclassifed Manufacturers

  CS5030RQ Datasheet HTML 1Page - List of Unclassifed Manufacturers CS5030RQ Datasheet HTML 2Page - List of Unclassifed Manufacturers CS5030RQ Datasheet HTML 3Page - List of Unclassifed Manufacturers CS5030RQ Datasheet HTML 4Page - List of Unclassifed Manufacturers CS5030RQ Datasheet HTML 5Page - List of Unclassifed Manufacturers CS5030RQ Datasheet HTML 6Page - List of Unclassifed Manufacturers CS5030RQ Datasheet HTML 7Page - List of Unclassifed Manufacturers CS5030RQ Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Optimized for
5
TM
Table 2: CS5010-40 DES/3DES Cores Interface Signal Definitions
Signal
I/O
Width (Bits)
Description
D
I
32 (64 Ultra High Speed)
Input Plaintext/Ciphertext data
DADDR
I
1 (Ultra Compact)
2 (Compact)
3 (High Speed)
0 (Ultra High Speed)
Input Plaintext/Ciphertext data address, 0: the lowest 32-bit word
DLOAD
I
1
Load input Plaintext/Ciphertext enable
KEY
I
28 (56 Ultra High Speed)
Encryption key data
KADDR
I
2
Encryption key address, 0: the lowest 28-bit word
KLOAD
I
1
Load encryption key
MODE
I
1
Encryption/Decryption mode select, 0: Encryption. 1: Decryption
TRIPLE
I
1
DES/3DES mode select, 0: DES, 1:3DES
EDE
I
1
Triple DES key selection mode, 0:EDE2, 1: EDE3
CLK
I
1
System clock, rising edge active
RST
I
1
Asynchronous reset
DSTAT
O
1
Input port status
This signal will be Asserted when the core is ready for loading the
highest word of the next 64-bit data block, or the highest word of the
multiple input DES blocks available in the Compact or High Speed
cores. The lower words can be loaded at anytime in the period
when DSTAT is LOW depending on the key-size selection
QSTRB
O
1
Output strobe indicating the Plaintext/Ciphertext word Q is valid
QADDR
O
1 (Ultra Compact)
2 (Compact)
3 (High Speed)
0 (Ultra High Speed)
Output Plaintext/Ciphertext data address, 0: the lowest 32-bit word
Q
O
32 (64 Ultra High Speed)
Output Plaintext/Ciphertext data



Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com