công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD8325 bảng dữ liệu(PDF) 4 Page - Analog Devices

tên linh kiện AD8325
Giải thích chi tiết về linh kiện  5 V CATV Line Driver Fine Step Output Power Control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD8325 bảng dữ liệu(HTML) 4 Page - Analog Devices

  AD8325 Datasheet HTML 1Page - Analog Devices AD8325 Datasheet HTML 2Page - Analog Devices AD8325 Datasheet HTML 3Page - Analog Devices AD8325 Datasheet HTML 4Page - Analog Devices AD8325 Datasheet HTML 5Page - Analog Devices AD8325 Datasheet HTML 6Page - Analog Devices AD8325 Datasheet HTML 7Page - Analog Devices AD8325 Datasheet HTML 8Page - Analog Devices AD8325 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
REV. 0
AD8325
–4–
ORDERING GUIDE
Model
Temperature Range
Package Description
JA
Package Option
AD8325ARU
–40
°C to +85°C
28-Lead TSSOP
67.7
°C/W*
RU-28
AD8325ARU-REEL
–40
°C to +85°C
28-Lead TSSOP
67.7
°C/W*
RU-28
AD8325-EVAL
Evaluation Board
*Thermal Resistance measured on SEMI standard 4-layer board.
ABSOLUTE MAXIMUM RATINGS
*
Supply Voltage +VS
Pins 5, 9, 10, 19, 20, 23, 27 . . . . . . . . . . . . . . . . . . . . . . 6 V
Input Voltages
Pins 25, 26 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±0.5 V
Pins 1, 2, 3, 6, 7 . . . . . . . . . . . . . . . . . . . . . –0.8 V to +5.5 V
Internal Power Dissipation
TSSOP . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.9 W
Operating Temperature Range . . . . . . . . . . . –40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature, Soldering 60 seconds . . . . . . . . . . . 300
°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
PIN CONFIGURATION
TOP VIEW
(Not to Scale)
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
AD8325
DATEN
GND
SDATA
VCC
CLK
VIN–
GND
VIN+
VCC
GND
TXEN
VCC
SLEEP
GND
GND
BYP
VCC
VCC
VCC
VCC
GND
GND
GND
GND
GND
GND
OUT–
OUT+
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the AD8325 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
PIN FUNCTION DESCRIPTIONS
Pin No.
Mnemonic
Description
1
DATEN
Data Enable Low Input. This port controls the 8-bit parallel data latch and shift register. A Logic
0-to-1 transition transfers the latched data to the attenuator core (updates the gain) and simulta-
neously inhibits serial data transfer into the register. A 1-to-0 transition inhibits the data latch
(holds the previous gain state) and simultaneously enables the register for serial data load.
2
SDATA
Serial Data Input. This digital input allows for an 8-bit serial (gain) word to be loaded into the
internal register with the MSB (Most Significant Bit) first.
3
CLK
Clock Input. The clock port controls the serial attenuator data transfer rate to the 8-bit master-
slave register. A Logic 0-to-1 transition latches the data bit and a 1-to-0 transfers the data bit to
the slave. This requires the input serial data word to be valid at or before this clock transition.
4, 8, 11, 12,
GND
Common External Ground Reference.
13, 16, 17, 18,
22, 24, 28
5, 9, 10, 19,
VCC
Common Positive External Supply Voltage. A 0.1
µF capacitor must decouple each pin.
20, 23, 27
6
TXEN
Logic “0” disables transmission. Logic “1” enables transmission.
7
SLEEP
Low Power Sleep Mode. Logic 0 enables Sleep mode, where ZOUT goes to 400
Ω and supply
current is reduced to 4 mA. Logic 1 enables normal operation.
14
OUT–
Negative Output Signal.
15
OUT+
Positive Output Signal.
21
BYP
Internal Bypass. This pin must be externally ac-coupled (0.1
µF cap).
25
VIN+
Noninverting Input. DC-biased to approximately VCC/2. Should be ac-coupled with a 0.1
µF
capacitor.
26
VIN–
Inverting Input. DC-biased to approximately VCC/2. Should be ac-coupled with a 0.1
µF capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com