| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NAND128R3A bảng dữ liệu(PDF) 39 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
NAND128R3A bảng dữ liệu(HTML) 39 Page - STMicroelectronics |
|
39 / 57 page ![]() 39/57 NAND128-A, NAND256-A, NAND512-A, NAND01G-A Figure 23. Command Latch AC Waveforms Figure 24. Address Latch AC Waveforms Note: Address cycle 4 is only required for 512Mb and 1Gb devices. ai08028 CL E W AL I/O tCLHWL tELWL tWHCLL tWHEH tWLWH tALLWL tWHALH Command tDVWH tWHDX (CL Setup time) (CL Hold time) (Data Setup time) (Data Hold time) (ALSetup time) (AL Hold time) (E Setup time) (E Hold time) ai08029 CL E W AL I/O tWLWH tELWL tWLWL tCLLWL tWHWL tALHWL tDVWH tWLWL tWLWL tWLWH tWLWH tWLWH tWHWL tWHWL tWHDX tWHALL tDVWH tWHDX tDVWH tWHDX tDVWH tWHDX tWHALL Adrress cycle 1 tWHALL (AL Setup time) (AL Hold time) Adrress cycle 4 Adrress cycle 3 Adrress cycle 2 (CL Setup time) (Data Setup time) (Data Hold time) (E Setup time) |