| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLE4471 bảng dữ liệu(PDF) 20 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE4471 bảng dữ liệu(HTML) 20 Page - Infineon Technologies AG |
|
20 / 26 page ![]() TLE 4471 Data Sheet Rev. 1.1 20 2001-09-06 Figure 5 Reset Timing The reset output is an open collector output with a pullup-resistor of typical 4 k Ω to Q1. An external pullup can be added with a resistor value of at least 20 k Ω. In addition the reset switching threshold can be adjusted by an external voltage divider. The feature is useful with microprocessors which guarantee safe operation down to voltages below the internally set reset threshold of 4.65 typical. AED03045 Thermal t dr Power-on-Reset Voltage Dip Secondary Overload at Output Spike VDR, st VΙ V D V Q Q, rth V t rr < rr t at Input Undervoltage Shutdown DR, dt V t t t t V RO |