| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
A2REP-GA bảng dữ liệu(PDF) 6 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
|
|||||||||||||||||||||||||||||
A2REP-GA bảng dữ liệu(HTML) 6 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
6 / 7 page ![]() Series A Process Sealed Subminiature Toggles A9 A www.nkkswitches.com Single Pole Straight PC Single Pole Straight PC • Bracket Double Pole Straight PC Double Pole Straight PC • Bracket A11 models do not have Terminal 2 A12AP A22AP B Terminals B1 Terminals A12AB A22AB (9.8) .386 1 2 3 (5.08) .200 (1.0) .039 CL (2.6) Dia .102 (0.6) Dia Typ .024 (2.54) Typ .100 (3.1) .122 (0.5) .020 (4.5) .177 (10.0) .394 (13.1) .516 26° (6.0) .236 Slot (0.3) .012 (5.0) .197 (0.4) Typ .016 (5.84) .230 (9.8) .386 1 2 3 (5.08) .200 4 5 6 26° (2.6) Dia .102 (0.6) Dia Typ .024 (2.54) Typ .100 (3.1) .122 (0.8) .031 (3.5) .138 (13.1) .516 (10.0) .394 (6.0) .236 (5.0) .197 (0.4) .016 (0.4) Typ .016 Slot (9.2) .362 (9.8) .386 1 2 3 (0.7) Typ .028 (1.0) .039 CL (2.54) .100 26° (0.5) .020 (13.1) .516 (3.1) .122 (4.5) .177 (10.0) .394 (2.54) Typ .100 (0.6) Dia Typ .024 (0.3) Typ .012 (10.16) .400 (2.6) Dia .102 (6.0) .236 (0.3) .012 (5.84) .230 (5.0) .197 Slot (9.8) .386 (0.7) Typ .028 (5.08) .200 1 2 3 4 5 6 (0.8) .031 (13.1) .516 (3.1) .122 (3.5) .138 (10.0) .394 (2.54) Typ .100 26° (2.6) Dia .102 (0.6) Dia Typ .024 (0.3) Typ .012 (10.16) .400 (6.0) .236 (5.0) .197 (0.4) .016 Slot (9.5) .374 (2.54) Typ .100 3 1 2 (0.8) Dia Typ .031 (1.0) .039 CL (0.8) Dia Typ .031 6 4 52 3 1 (2.54) Typ .100 (5.08) .200 3 1 2 (2.54) Typ .100 (0.8) Dia Typ .031 (1.0) .039 CL (2.54) .100 3 1 2 (2.54) Typ .100 (0.8) Dia Typ .031 (1.0) .039 CL 6 4 5 2 3 1 (2.54) Typ .100 (0.8) Dia Typ .031 (5.08) .200 TYPICAL SWITCH DIMENSIONS |