công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TH71102 bảng dữ liệu(PDF) 2 Page - List of Unclassifed Manufacturers

tên linh kiện TH71102
Giải thích chi tiết về linh kiện  FSK/FM/ASK Receiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC - List of Unclassifed Manufacturers

TH71102 bảng dữ liệu(HTML) 2 Page - List of Unclassifed Manufacturers

  TH71102 Datasheet HTML 1Page - List of Unclassifed Manufacturers TH71102 Datasheet HTML 2Page - List of Unclassifed Manufacturers TH71102 Datasheet HTML 3Page - List of Unclassifed Manufacturers TH71102 Datasheet HTML 4Page - List of Unclassifed Manufacturers TH71102 Datasheet HTML 5Page - List of Unclassifed Manufacturers TH71102 Datasheet HTML 6Page - List of Unclassifed Manufacturers TH71102 Datasheet HTML 7Page - List of Unclassifed Manufacturers TH71102 Datasheet HTML 8Page - List of Unclassifed Manufacturers TH71102 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
TH71102
315/433MHz
FSK/FM/ASK Receiver
TH71102 Data Sheet
Page 2 of 20
Nov. 2001
3901071102
Rev. 005
General Description
The TH71102 receiver IC consists of the following building blocks:
"
PLL synthesizer (PLL SYNTH) for generation of the first and second local oscillator signals LO1 and LO2
"
Parts of the PLL SYNTH are the high-frequency VCO1, the feedback dividers DIV_8 and DIV_2,
a phase-frequency detector (PFD) with charge pump (CP) and a crystal-based reference oscillator (RO)
"
Low-noise amplifier (LNA) for high-sensitivity RF signal reception
"
First mixer (MIX1) for down-conversion of the RF signal to the first IF (IF1)
"
second mixer (MIX2) for down-conversion of the IF1 to the second IF (IF2)
"
IF amplifier (IFA) to amplify and limit the IF2 signal and for RSSI generation
"
Phase coincidence demodulator (DEMOD) with third mixer (MIX3) to demodulate the IF signal
"
Operational amplifier (OA) for data slicing, filtering and ASK detection
"
Bias circuitry for bandgap biasing and circuit shutdown
With the TH71102 receiver chip, various circuit configurations can be arranged in order to meet a number of
different customer requirements. For FM/FSK reception the IF tank used in the phase coincidence demodu-
lator can be constituted either by a ceramic resonator or an LC tank (optionally with a varactor diode to create
an AFC circuit). In ASK configuration, the RSSI signal is feed to an ASK detector, which is constituted by the
operational amplifier.
Demodulation
Type of receiver
FM / FSK
narrow-band RX with ceramic demodulation tank
FM / FSK
wide-band RX with LC demodulation tank
ASK
RX with RSSI-based demodulation
The superheterodyne configuration is double conversion where MIX1 and MIX2 are driven by the internal
local oscillator signals LO1 and LO2, respectively. This allows a high degree of image rejection, achieved in
conjunction with an RF frontend filter. Efficient RF frontend filtering is realized by using a SAW, ceramic or
helix filter in front of the LNA and by adding an LC filter at the LNA output.
A single-conversion variant, called TH71101, is also available. Both RXICs have the same die. At the
TH71101 the second mixer MIX2 operates as an amplifier.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20