| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
T0806-TCQ bảng dữ liệu(PDF) 3 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
T0806-TCQ bảng dữ liệu(HTML) 3 Page - ATMEL Corporation |
|
3 / 7 page ![]() 3 T0806 4522ES–DVD–01/04 Figure 3. Pinning QFN16 I3 RF NE2 NE3 GND RSA RSB IOUTB 16 15 14 13 5 6 7 8 1 2 3 4 12 11 10 9 Pin Description QFN16 Pin Symbol Type Function 1 I3 Analog Input current, bias voltage approximately GND 2 RF Analog External resistor to GND sets oscillator frequency 3 NE2 Digital Digital control of channel 2 (low active) 4 NE3 Digital Digital control of channel 3 (low active) 5 ENABLE Digital Enables output current (high active) 6 ENOSC Digital Enables RF oscillator (high active) 7 VCC2 Supply +5 V power supply for IOUT 8 SELA Digital High: selects IOUTA, RSA Low: selects IOUTB, RSB 9 IOUTB Analog Output current source B for laser diode 10 RSB Analog External resistor to GND sets swing of oscillator B 11 RSA Analog External resistor to GND sets swing of oscillator A 12 GND Supply Ground 13 IOUTA Analog Output current source A for laser diode 14 VCC1 Supply +5 V power supply for IOUT and circuit 15 IR Analog Input current, bias voltage approximately GND 16 I2 Analog Input current, bias voltage approximately GND Paddle GND Supply Ground |