| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L9658 bảng dữ liệu(PDF) 38 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9658 bảng dữ liệu(HTML) 38 Page - STMicroelectronics |
|
38 / 64 page ![]() Functional description L9658 38/64 Doc ID 14219 Rev 3 4.11.5 Example of short between loops diagnostic The following SPI frame sequence is an example how to detect a short between channel 0 and the other channels. The symbol % designates the bit to be tested. This bit is cleared to a 0 when there is a short between the selected channels. Bits D13 (Short to battery) and D3 (Over current on Squib) are relevant too. Both of them must be at 0 for no fault. It may happens that after leakage test on channel Y, channel Y is shorted to battery, so when X is biased and Y monitored for shorts between channels, D7=D3=0 while D13=1. This will highlight a short to battery. 1. Enable the diagnostic current; select IBIAS current; set the IBIAS/ISRC multiplexer to channel 0; set the AOUT/Comparators multiplexer to channel 1. The MISO read will depend on the previous MOSI message. 2. Set the AOUT/Comparators multiplexer to channel 2. The MISO read will be the results of the channel 0 to channel 1 test. 3. Set the AOUT/Comparators multiplexer to channel 3. The MISO read will be the results of the channel 0 to channel 2 test. 4. Set the AOUT/Comparators multiplexer to channel 4. The MISO read will be the results of the channel 0 to channel 3 test. 5. Set the AOUT/Comparators multiplexer to channel 5. The MISO read will be the results of the channel 0 to channel 4 test. D15 D14 D13 D12 D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 MISO 1 0 1 1 0 0 1 0 000 10 000 MOSI X X X X X X X X X XXX XX XX D15 D14 D13 D12 D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 MISO 1 0 1 1 0 0 1 0 001 00 000 MOSI 1 0 0 0 0 0 1 0 % 00 10 000 D15 D14 D13 D12 D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 MISO 1 0 0 1 0 0 1 0 001 10 000 MOSI 1 0 0 0 0 0 1 0 % 01 00 000 D15 D14 D13 D12 D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 MISO 1 0 1 1 0 0 1 0 010 00 000 MOSI 1 0 0 0 0 0 1 0 % 01 10 000 D15 D14 D13 D12 D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 MISO 1 0 0 1 0 0 1 0 010 10 000 MOSI 1 0 0 0 0 0 1 0 % 10 00 000 |