| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RS8234EBGD bảng dữ liệu(PDF) 2 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
RS8234EBGD bảng dữ liệu(HTML) 2 Page - List of Unclassifed Manufacturers |
|
2 / 8 page ![]() Integrated Management The RS8234 complies with ATM Forum specifications UNI 3.1, T.M. 4.1 and all other relevent standards. The RS8234 provides integrated traffic management for all service categories, including constant bit rate (CBR), variable bit rate (VBR) (single- and dual-leaky bucket), real-time VBR, unspecified bit rate (UBR), available bit rate (ABR), guaranteed frame rate (GFR) (guaranteed MCR on UBR VCCs), and generic flow control (GFC). The xBR traffic management block automatically schedules each VCC according to user assigned-parameters to maximize line utilization. Advanced Architecture The RS8234’s architecture is designed to minimize and control host traffic congestion. The host manages the RS8234 terminal using write-only control and status queues. The control queues are also isolated from their associated data buffers via buffer descriptors, allowing the data buffers to hold payload data only. For example, the host submits data for transmit by writing buffer descriptor pointers to one of 32 transmit queues. These entries may be thought of as task lists for the ServiceSAR to perform. The 32 receive queues couple with the transmit structure to create complete host peers. The RS8234 enables control of traffic congestion through mechanisms like receive buffer memory limitations (called firewalls), and through explicit notification of congestion by the host. This architecture reduces the control burden on the host system while minimizing PCI bus utilization, by eliminating reads across the PCI bus from host control activities. It also provides control points to manage congestion, which is critical for ABR. The RS8234 System The RS8234 consists of five separate coprocessors (incoming and outgoing DMA, segmentation, reassembly and xBR traffic manager), each of which maintains state information in shared, off-chip memory. This memory is controlled by the SAR through the local bus interface, which arbitrates access to the bus between the various coprocessors. These coprocessors, though they run off the same system clock, operate asynchronously from each other. Communication between the coprocessors takes place through on-chip FIFOs or through queues in local memory. The RS8234’s on-chip coprocessor blocks are surrounded by high-performance PCI and UTOPIA ports for glueless interface to a variety of system components with full line-rate throughput and low bus occupancy. Figure 1 illustrates these functional blocks. xBR Cell Scheduler The cell scheduler rate-shapes all segmentation traffic according to per-channel parameters. The RS8234 supports eight user-assigned scheduling priorities in addition to CBR. The user assigns a priority to each channel. The user can further control consumption of bandwidth by assigning peak cell rate limits to four of those scheduling priorities. The user sets the range of available transmission rates for the scheduler by setting the size of the dynamic schedule table and the duration of each scheduling slot in the table. network access products RS8234 ServiceSAR Controller |
|
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |