công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PMMAD bảng dữ liệu(PDF) 1 Page - List of Unclassifed Manufacturers

tên linh kiện PMMAD
Giải thích chi tiết về linh kiện  STEERING DIODE (RAIL CLAMP) ARRAY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC - List of Unclassifed Manufacturers

PMMAD bảng dữ liệu(HTML) 1 Page - List of Unclassifed Manufacturers

  PMMAD Datasheet HTML 1Page - List of Unclassifed Manufacturers PMMAD Datasheet HTML 2Page - List of Unclassifed Manufacturers PMMAD Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
®
®
. . . . . Engineered solutions for the transient environment
2929 South Fair Lane • Tempe, Arizona 85282 • USA
Tel 602-431-8101 • Fax 602-431-2288 • E-mail sales@protek-tvs.com • Web www.protek-tvs.com
19
PMMAD
PMMAD
PMMAD
PMMAD
PMMAD
SERIES
SERIES
SERIES
SERIES
SERIES
STEERING DIODE (RAIL CLAMP) ARRAY
IEC 1000-4 COMPATIBLE
SO-14 PACKAGE
DESCRIPTION
This series is designed with discrete diodes for complete isolation. Each diode
can be individually tested according to the electrical characteristics. For transient
voltage protection, two diodes are configured in series with the anode of one
connect to the cathode of the other diode (See Rail Clamp Circuit).
APPLICATIONS
q
High Frequency Data Lines
q
RS-232 & RS-422 Interface Networks
q
10 Base T Networks
q
LAN/ WAN
q
Computer I/O Ports
FEATURES
q
IEC 1000-4-2, -4 & -5 Industry Requirements
q
Designed for Rail Clamp Protection
q
ESD Protection > 40 kilovolts
q
Working Voltage > 50 Volts
q
UL 94V-0 Flammability Classification
q
Available in Standard SO-14 Surface Mount Package
0
10
20
30
t - Time -
µs
FIGURE 1
PULSE WAVE FORM
100
50
0
td = t
I
PP/ 2
e-t
Peak Value I
PP
TEST
WAVEFORM
PARAMETERS
tf = 8 µs
td = 20µs
t
f
RAIL CLAMP CIRCUIT
+
GND or (-)
MAXIMUM RATINGS @ 25
°C Ambient Temperature (unless specified)
Package
Packaging
Approximate Weight
Device Markings
Miscellaneous
Molded SO-14 Surface Mount Package
Tube or 16mm Tape per EIA 481
0.15 grams
Logo & Part Number
Pin No. 1 Indicated by Dot on Top of Package
MECHANICAL CHARACTERISTICS
Continuous Power Dissipation
Operating & Storage Temperature
Continuous Forward Current
500mW
-65
° to +150°C
400mA
I/O
Port
SEE DIAGRAMS ON FOLLOWING PAGE.


Số phần tương tự - PMMAD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Protek Devices
PMMAD PROTEC-PMMAD Datasheet
78Kb / 4P
STEERING DIODE ARRAY
PMMAD1103 PROTEC-PMMAD1103 Datasheet
828Kb / 7P
ultra low capacitance multi-line steering diode array
PMMAD1103 PROTEC-PMMAD1103 Datasheet
749Kb / 7P
ultra low capa citance multi-line steering diode arra y
PMMAD1103-LF-T13 PROTEC-PMMAD1103-LF-T13 Datasheet
78Kb / 4P
STEERING DIODE ARRAY
PMMAD1103-T13 PROTEC-PMMAD1103-T13 Datasheet
78Kb / 4P
STEERING DIODE ARRAY
More results

Mô tả tương tự - PMMAD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Protek Devices
ET724 PROTEC-ET724 Datasheet
167Kb / 4P
STEERING DIODE ARRAY
ET723 PROTEC-ET723 Datasheet
206Kb / 4P
STEERING DIODE ARRAY
DALC112S1 PROTEC-DALC112S1 Datasheet
80Kb / 4P
STEERING DIODE ARRAY
IO6LC PROTEC-IO6LC Datasheet
81Kb / 4P
STEERING DIODE ARRAY
USB002 PROTEC-USB002 Datasheet
59Kb / 3P
STEERING DIODE ARRAY
ET720 PROTEC-ET720_07 Datasheet
74Kb / 4P
STEERING DIODE ARRAY
ET723 PROTEC-ET723_07 Datasheet
79Kb / 4P
STEERING DIODE ARRAY
IO6LC PROTEC-IO6LC_07 Datasheet
72Kb / 4P
STEERING DIODE ARRAY
PMAD1108 PROTEC-PMAD1108_07 Datasheet
68Kb / 3P
STEERING DIODE ARRAY
SR70 PROTEC-SR70_06 Datasheet
75Kb / 3P
STEERING DIODE ARRAY
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com