công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EMIF06-HSD04F3 bảng dữ liệu(PDF) 1 Page - STMicroelectronics

tên linh kiện EMIF06-HSD04F3
Giải thích chi tiết về linh kiện  Very low PCB space consumption
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF06-HSD04F3 bảng dữ liệu(HTML) 1 Page - STMicroelectronics

  EMIF06-HSD04F3 Datasheet HTML 1Page - STMicroelectronics EMIF06-HSD04F3 Datasheet HTML 2Page - STMicroelectronics EMIF06-HSD04F3 Datasheet HTML 3Page - STMicroelectronics EMIF06-HSD04F3 Datasheet HTML 4Page - STMicroelectronics EMIF06-HSD04F3 Datasheet HTML 5Page - STMicroelectronics EMIF06-HSD04F3 Datasheet HTML 6Page - STMicroelectronics EMIF06-HSD04F3 Datasheet HTML 7Page - STMicroelectronics EMIF06-HSD04F3 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
This is information on a product in full production.
November 2014
DocID027072 Rev 1
1/8
8
EMIF06-HSD04F3
6-line low capacitance IPAD™ for micro-SD card
with EMI filtering and ESD protection
Datasheet
− production data
Figure 1. Pin configuration (bump side)
Features
• Very low line capacitance to compensate long
PCB tracks (4.5 pF typ.)
• 208 MHz clock frequency compliant with SD3.0
UHS-1 SDR 104 standard
• High ESD robustness: up to ±12 kV contact
• Lead-free package in 400 µm pitch
• Package thickness: 500 µm typ.
• Very low PCB space consumption
• High reliability offer by the monolithic
integration
Complies with the following standards:
• IEC 61000-4-2 level 4
– ±15 kV (air discharge)
– ±8 kV (contact discharge)
Application
Where ESD protection for sensitive equipment is
required:
• Smartphones and Tablets
• Camera, Printers, Laptops and desktops
Description
The EMIF06-HSD04F3 chip is a highly integrated
device designed to protect the application against
ESD event during the insertion of the micro-SD
card.
The EMIF06-HSD04F3 must be placed close to
the micro-SD card connector for efficient ESD
protection.
TM: IPAD is a trademark of STMicroelectronics
www.st.com


Số phần tương tự - EMIF06-HSD04F3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
EMIF06-HSD03F3 STMICROELECTRONICS-EMIF06-HSD03F3 Datasheet
565Kb / 10P
EMI filter with integrated ESD protection for micro-SD Card?
October 2016 Rev 4
More results

Mô tả tương tự - EMIF06-HSD04F3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ATMEL Corporation
M65608E ATMEL-M65608E_14 Datasheet
884Kb / 16P
Very Low Power Consumption
AT60142F ATMEL-AT60142F_14 Datasheet
355Kb / 3P
Very Low Power Consumption
AT60142F ATMEL-AT60142F_14 Datasheet
68Kb / 3P
Very Low Power Consumption
AT60142FT ATMEL-AT60142FT_14 Datasheet
357Kb / 14P
Very Low Power Consumption
logo
Infineon Technologies A...
TLE42744 INFINEON-TLE42744_14 Datasheet
1Mb / 21P
Very Low Current Consumption
TLE42754 INFINEON-TLE42754_14 Datasheet
1Mb / 29P
Very low Current Consumption
TLE42794 INFINEON-TLE42794_14 Datasheet
1Mb / 32P
Very low Current Consumption
TLE4287G INFINEON-TLE4287G_12 Datasheet
1Mb / 14P
Very low standby current consumption
Rev. 1.41, 2012-01-30
logo
MICORO CRYSTAL SWITZERL...
MCSO2EL MICROCRYSTAL-MCSO2EL Datasheet
348Kb / 2P
Very low consumption 32.768 kHz
logo
ILSI America LLC
ISM36 ILSI-ISM36 Datasheet
125Kb / 2P
Very Low Current Consumption
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com