| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STA311BTR bảng dữ liệu(PDF) 83 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA311BTR bảng dữ liệu(HTML) 83 Page - STMicroelectronics |
|
83 / 102 page ![]() DocID024340 Rev 1 83/102 STA311B Configuration registers (0x77; 0x78; 0x79) 102 9.5.3 Recombination control register 1 (0x5D) D7 D6 D5 D4 D3 D2 D1 D0 Boost6db I²S_byp I²S_en mike_en mike_byp m_mode 00 000 00 0 Bit RW RST Name Description 7 RW 0 Boost6dB(1) 1. Mike recomb only '1': Output (after recombination) multiplied x2 '0': Output (after recombination) as it is 6RW 0 5RW 0 4 RW 0 I²S_byp '1': I²S recombination is bypassed '0': I²S recombination is used 3RW 0 I²S_en '1': I²S recombination IP is active ‘0': I²S recombination IP is not active (acts like a HW bypass) 0 RW 0 m_mode '1': Auto-configuration of the CKOUT generator to Fout = sys_clk/32 '0': CKOUT is configured only through COS bits |