công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMV821A bảng dữ liệu(PDF) 30 Page - STMicroelectronics

tên linh kiện LMV821A
Giải thích chi tiết về linh kiện  Tiny packages
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LMV821A bảng dữ liệu(HTML) 30 Page - STMicroelectronics

Back Button LMV821A Datasheet HTML 24Page - STMicroelectronics LMV821A Datasheet HTML 25Page - STMicroelectronics LMV821A Datasheet HTML 26Page - STMicroelectronics LMV821A Datasheet HTML 27Page - STMicroelectronics LMV821A Datasheet HTML 28Page - STMicroelectronics LMV821A Datasheet HTML 29Page - STMicroelectronics LMV821A Datasheet HTML 30Page - STMicroelectronics LMV821A Datasheet HTML 31Page - STMicroelectronics LMV821A Datasheet HTML 32Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
Ordering information
LMV82x, LMV82xA
30/32
DocID022467 Rev 4
Table 22. Order codes (automotive grade parts)
Order code
Temperature
range
Package
Packing
Marking
LMV821IYLT
-40 ° C to +125 ° C
Automotive grade(1)
1.
Qualification and characterization according to AEC Q100 and Q003 or equivalent, advanced screening
according to AEC Q001 & Q002 or equivalent.
SOT23-5
Tape & reel
K167
LMV822IYST
MiniSO8
K167
LMV822IYDT
SO8
LMV822IY
LMV824IYDT
SO14
LMV824IY
LMV824IYPT
TSSOP14
LMV821AIYLT
-40 ° C to +125 ° C
Automotive grade(1)
SOT23-5
Tape & reel
K168
LMV822AIYST
MiniSO8
K168
LMV822AIYDT
SO8
LMV822AY
LMV824AIYDT
SO14
LMV824AIY
LMV824AIYPT
TSSOP14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32