công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MDF15N60G bảng dữ liệu(PDF) 2 Page - MagnaChip Semiconductor.

tên linh kiện MDF15N60G
Giải thích chi tiết về linh kiện  N-Channel MOSFET 600V, 15A, 0.40(ohm)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MGCHIP [MagnaChip Semiconductor.]
Trang chủ  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDF15N60G bảng dữ liệu(HTML) 2 Page - MagnaChip Semiconductor.

  MDF15N60G Datasheet HTML 1Page - MagnaChip Semiconductor. MDF15N60G Datasheet HTML 2Page - MagnaChip Semiconductor. MDF15N60G Datasheet HTML 3Page - MagnaChip Semiconductor. MDF15N60G Datasheet HTML 4Page - MagnaChip Semiconductor. MDF15N60G Datasheet HTML 5Page - MagnaChip Semiconductor. MDF15N60G Datasheet HTML 6Page - MagnaChip Semiconductor. MDF15N60G Datasheet HTML 7Page - MagnaChip Semiconductor. MDF15N60G Datasheet HTML 8Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Jun. 2011 Version 1.1
MagnaChip Semiconductor Ltd.
2
Ordering Information
Part Number
Temp. Range
Package
Packing
RoHS Status
MDP15N60GTH
-55~150
oC
TO-220
Tube
Halogen Free
MDF15N60GTH
-55~150
oC
TO-220F
Tube
Halogen Free
Electrical Characteristics (Ta =25
oC)
Characteristics
Symbol
Test Condition
Min
Typ
Max
Unit
Static Characteristics
Drain-Source Breakdown Voltage
BVDSS
ID = 250μA, VGS = 0V
600
-
-
V
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250μA
3.0
-
5.0
Drain Cut-Off Current
IDSS
VDS = 600V, VGS = 0V
-
-
1
μA
Gate Leakage Current
IGSS
VGS = ±30V, VDS = 0V
-
-
100
nA
Drain-Source ON Resistance
RDS(ON)
VGS = 10V, ID = 7.5A
-
0.34
0.40
Ω
Forward Transconductance
gfs
VDS = 30V, ID = 7.5A
(2)
-
11.5
-
S
Dynamic Characteristics
Total Gate Charge
Qg
VDS = 480V, ID = 15.0A, VGS = 10V
(2)
-
49.0
-
nC
Gate-Source Charge
Qgs
-
15.0
-
Gate-Drain Charge
Qgd
-
19.1
-
Input Capacitance
Ciss
VDS = 25V, VGS = 0V, f = 1.0MHz
-
2311
-
pF
Reverse Transfer Capacitance
Crss
-
10.8
-
Output Capacitance
Coss
-
258
-
Turn-On Delay Time
td(on)
VGS = 10V, VDS = 300V, ID = 15.0A,
RG = 25Ω
(2)
-
57
-
ns
Rise Time
tr
-
86
-
Turn-Off Delay Time
td(off)
-
137
-
Fall Time
tf
-
47
-
Drain-Source Body Diode Characteristics
Maximum Continuous Drain to
Source Diode Forward Current
IS
-
15
-
A
Source-Drain Diode Forward Voltage
VSD
IS = 15.0A, VGS = 0V
-
-
1.4
V
Body Diode Reverse Recovery Time
trr
IF = 15.0A, dl/dt = 100A/μs
-
382
-
ns
Body Diode Reverse Recovery Charge
Qrr
-
4.47
-
μC
Note :
1. Pulse width is based on RθJC & RθJA and the maximum allowed junction temperature of 150°C.
2. Pulse test: pulse width ≤300us, duty cycle≤2%, pulse width limited by junction temperature TJ(MAX)=150°C.
3. ISD ≤15A, di/dt≤200A/us, VDD≤BVdss, Rg =25Ω, Starting TJ=25°C
4. L=7.9mH, IAS=15.0A, VDD=50V, Rg =25Ω, Starting TJ=25°C,



Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com