| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M95320-DF bảng dữ liệu(PDF) 25 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M95320-DF bảng dữ liệu(HTML) 25 Page - STMicroelectronics |
|
25 / 43 page ![]() DocID022938 Rev 8 25/43 M95320-A125 M95320-A145 Instructions 42 The instruction is discarded, and is not executed, under the following conditions: • If a Write cycle is already in progress • If the Block Protect bits (BP1,BP0) = (1,1) • If one of the conditions defined in Section 3.4.1: Protocol control is not satisfied. |