| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AS4C64M16D2 bảng dữ liệu(PDF) 39 Page - Alliance Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
AS4C64M16D2 bảng dữ liệu(HTML) 39 Page - Alliance Semiconductor Corporation |
|
39 / 58 page ![]() AS4C64M16D2 Alliance Memory Inc. reserves the right to change products or specification without notice. 38 Rev. 1.1 April. /2012 CK CK# DQs CMD DQS T0 T1 Tn-1 Tn Tn+1 Tn+2 Tn+3 Tn+4 Tn+5 Post CAS# READ A NOP NOP Post CAS# WRITE A NOP NOP NOP NOP NOP Dout A0 RL=5 DQS# tRTW (Read to Write turn around time) WL = RL-1 = 4 Dout A1 Dout A2 Dout A3 Din A0 Din A1 Din A2 Din A3 NOTE : The minimum time from the burst read command to the burst write command is defined by a read-to-write- turn-around-time, which is 4 clocks in case of BL = 4 operation, 6 clocks in case of BL = 8 operation. Figure 21. Seamless burst read operation: RL=5, AL=2, CL=3, BL=4 CK CK# DQs CMD DQS T0 T1 T2 T3 T4 T5 T6 T7 T8 Post CAS# READ A NOP Post CAS# READ B NOP NOP NOP NOP NOP NOP Dout A0 AL=2 DQS# Dout A1 Dout A2 Dout A3 Dout B0 Dout B1 Dout B2 CL=3 RL=5 NOTE : The seamless burst read operation is supported by enabling a read command at every other clock for BL = 4 operation, and every 4 clock for BL =8 operation. This operation is allowed regardless of same or different banks as long as the banks are activated. Figure 22. Read burst interrupt timing: (CL=3, AL=0, RL=3, BL=8) |