| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AS4C8M16SA bảng dữ liệu(PDF) 13 Page - Alliance Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
AS4C8M16SA bảng dữ liệu(HTML) 13 Page - Alliance Semiconductor Corporation |
|
13 / 54 page ![]() AS4C8M16SA Confidential 13 Rev. 2.2 Mar /2014 CLK CS# T0 T1 T2 T3 T4 T5 T6 T7 CKE Don’t Care RAS# tMRD CAS# T8 T9 T10 WE# BA0,1 A10 A0-A9, A11 DQM DQ tRP PrechargeAll Mode Register Set Command Any Command Hi-Z Address Key Figure 15. Mode Register Set Cycle Burst Length Field (A2~A0) This field specifies the data length of column access using the A2~A0 pins and selects the Burst Length to be 2, 4, 8, or full page. Table 6. Burst Length Field A2 A1 A0 Burst Length 0 0 0 1 0 0 1 2 0 1 0 4 0 1 1 8 1 0 0 Reserved 1 0 1 Reserved 1 1 0 Reserved 1 1 1 Full Page Full Page Length: 512 |