| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ATS693LSG bảng dữ liệu(PDF) 10 Page - Allegro MicroSystems |
|
|
|||||||||||||||||||||||||||||
ATS693LSG bảng dữ liệu(HTML) 10 Page - Allegro MicroSystems |
|
10 / 15 page ![]() Three-Wire, Differential, Vibration Resistant Sensor IC with Speed and Direction Output ATS693LSG 10 Allegro MicroSystems, LLC 115 Northeast Cutoff Worcester, Massachusetts 01615-0036 U.S.A. 1.508.853.5000; www.allegromicro.com TIMING As shown in figure 5, the pulse appears at the output slightly before the sensed magnetic edge traverses the package branded face. For targets in forward rotation, this shift, Δfwd, results in the pulse corresponding to the valley with the sensed mechanical edge, and for targets in reverse rotation, the shift, Δrev, results in the pulse corresponding to the tooth with the sensed edge. The sensed mechanical edge that stimulates output pulses is kept the same for both forward and reverse rotation by using only one channel to control output switching. Direction Validation Following a direction change in Running mode, output pulses are not present until direction information is validated. An example of the waveforms is shown in figure 6. Reverse Rotation Forward Rotation Tooth Valley ∆rev tw(REV) 90 µs Output Pulse (Forward Rotation) Output Pulse (Reverse Rotation) ∆fwd tw(FWD) 45 µs t t t t t Target Differential Magnetic Profile Target Rotation Forward Target Rotation Reverse tW(FWD) tW(REV) tW(REV) tW(FWD) Target Differential Magnetic Profile Target Rotation Forward Target Rotation Reverse tW(FWD) tW(REV) tW(FWD) IOUT VOUT Target Differential Magnetic Profile Target Rotation Forward Target Rotation Reverse tW(FWD) tW(REV) tW(FWD) IOUT Tooth Valley Tooth Valley Tooth Valley Figure 5: Output Protocol Figure 6: Example of Direction Change in Running Mode |