| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ATS684LSN bảng dữ liệu(PDF) 5 Page - Allegro MicroSystems |
|
|
|||||||||||||||||||||||||||||
ATS684LSN bảng dữ liệu(HTML) 5 Page - Allegro MicroSystems |
|
5 / 16 page ![]() Two-Wire, Zero-Speed Differential Gear Tooth Sensor IC ATS684LSN 5 Allegro MicroSystems, LLC 115 Northeast Cutoff Worcester, Massachusetts 01615-0036 U.S.A. 1.508.853.5000; www.allegromicro.com Reference Target 60-0 (60 Tooth Target) Characteristics Symbol Test Conditions Typ. Units Symbol Key Outside Diameter Do Outside diameter of target 120 mm Face Width F Breadth of tooth, with respect to branded face 6 mm Circular Tooth Length t Length of tooth, with respect to branded face 3 deg. Circular Valley Width tv Length of valley, with respect to branded face 3 deg. Tooth Whole Depth ht 3 mm Material Low Carbon Steel – – F ht Do Air Gap Branded Face of Package Reference Target 60-0 Branded Face of Sensor |