| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HPC36003 bảng dữ liệu(PDF) 22 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
HPC36003 bảng dữ liệu(HTML) 22 Page - National Semiconductor (TI) |
|
22 / 36 page ![]() Timer Overview (Continued) TLDD8801 – 23 FIGURE 21 Timers T4 – T7 Block Maximum output frequency for any timer output can be ob- tained by setting timerregister pair to zero This then will produce an output frequency equal to the frequency of the source used for clocking the timer Timer Registers There are four control registers that program the timers The divide by (DIVBY) register programs the clock input to tim- ers T2 and T3 The timer mode register (TMMODE) contains control bits to start and stop timers T1 through T3 It also contains bits to latch acknowledge and enable interrupts from timers T0 through T3 The control register PWMODE similarly programs the pulse width timers T4 through T7 by allowing them to be started stopped and to latch and en- able interrupts on underflows The PORTP register contains bits to preset the outputs and enable the synchronous timer output functions Timer Applications The use of Pulse Width Timers for the generation of various waveforms is easily accomplished by the HPC16083 Frequencies can be generated by using the timerregister pairs A square wave is generated when the register value is a constant The duty cycle can be controlled simply by changing the register value TLDD8801 – 24 FIGURE 22 Square Wave Frequency Generation Synchronous outputs based on Timer T2 can be generated on the 4 outputs TS0 – TS3 Each output can be individually programmed to toggle on T2 underflow Register R2 con- tains the time delay between events Figure 23 is an exam- ple of synchronous pulse train generation WATCHDOG Logic The WATCHDOG Logic monitors the operations taking place and signals upon the occurrence of any illegal activity The illegal conditions that trigger the WATCHDOG logic are potentially infinite loops and illegal addresses Should the TLDD8801 – 25 FIGURE 23 Synchronous Pulse Generation WATCHDOG register not be written to before Timer T0 overflows twice or more often than once every 4096 counts an infinite loop condition is assumed to have oc- curred An illegal condition also occurs when the processor generates an illegal address when in the Single-Chip modes Any illegal condition forces the WATCHDOG Out- put (WO) pin low The WO pin is an open drain output and can be connected to the RESET or NMI inputs or to the users external logic Note See Operating Modes for details MICROWIREPLUS MICROWIREPLUS is used for synchronous serial data communications (see Figure 24 ) MICROWIREPLUS has an 8-bit parallel-loaded serial shift register using SI as the input and SO as the output SK is the clock for the serial shift register (SIO) The SK clock signal can be provided by an internal or external source The internal clock rate is pro- grammable by the DIVBY register A DONE flag indicates when the data shift is completed TLDD8801 – 26 FIGURE 24 MICROWIREPLUS The MICROWIREPLUS capability enables it to interface with any of National Semiconductor’s MICROWIRE periph- erals (ie AD converters display drivers EEPROMs) 22 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |