| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GL651USB bảng dữ liệu(PDF) 5 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
GL651USB bảng dữ liệu(HTML) 5 Page - List of Unclassifed Manufacturers |
|
5 / 16 page ![]() 5 03/06/00 GL651USB USB KEYBOARD HUB CONTROLLER Version 1.0 73 GPIO4 I/O General purpose pin 4 75 GPIO3 I/O General purpose pin 3 76 RESET I Reset input 78 SELF I 1: self-powered. 0: bus-powered 79 SENSE1 I Keyboard matrix sense input 1 81 SENSE2 I Keyboard matrix sense input 2 82 SENSE3 I Keyboard matrix sense input 3 84 SENSE4 I Keyboard matrix sense input 4 85 SENSE5 I Keyboard matrix sense input 5 87 SENSE6 I Keyboard matrix sense input 6 88 SENSE7 I Keyboard matrix sense input 7 90 SENSE8 I Keyboard matrix sense input 8 91 PWRENB1# O Power enable for downstream port 1 93 PWRENB2# O Power enable for downstream port 2 94 OVCUR1# I Over current flag for downstream port1 96 OVCUR2# I Over current flag for downstream port2 97 XTAL2 O Ceramic resonator or crystal out 99 XTAL1 I Ceramic resonator or crystal in Note 1: “#” means low active Table 1 GL651USB Pin Definitions and Descriptions U? GL651USB NC 1 NC 2 GND 3 NC 4 DM2 5 NC 6 DP2 7 NC 8 DM0 9 NC 10 DP0 11 NC 12 VCP 13 NC 14 DM1 15 NC 16 DP1 17 NC 18 VDD 19 NC 20 NUMLOCK 21 NC 22 CAPSLOCK 23 NC 24 SCLOCK 25 NC 26 TEST 27 NC 28 DRV1 29 NC 30 NC 80 SENSE1 79 SELF 78 NC 77 RESET 76 GPIO3 75 NC 74 GPIO4 73 GPIO5 72 NC 71 VDD 70 NC 69 GPIO6 68 NC 67 GPIO7 66 NC 65 SUSPND 64 NC 63 DRV20 62 NC 61 DRV19 60 NC 59 DRV18 58 NC 57 DRV17 56 NC 55 DRV16 54 NC 53 GND 52 NC 51 |