| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DS2148G bảng dữ liệu(PDF) 5 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS2148G bảng dữ liệu(HTML) 5 Page - Dallas Semiconductor |
|
5 / 75 page ![]() DS2148/Q48 5 of 75 2. LIST OF TABLES Table 4-1 BUS INTERFACE SELECTION ................................................................................................ 9 Table 4-2a PIN ASSIGNMENT................................................................................................................. 10 Table 4-2b PIN DESCRIPTIONS (Sorted by Pin Name, DS2148T Pin Numbering) ............................... 11 Table 4-3a PIN ASSIGNMENT IN SERIAL PORT MODE..................................................................... 13 Table 4-3b PIN DESCRIPTIONS IN SERIAL PORT MODE (Sorted by Pin Name, DS2148T Pin Numbering) .......................................................................................................................................... 14 Table 4-4a PIN ASSIGNMENT IN HARDWARE MODE....................................................................... 16 Table 4-4b PIN DESCRIPTIONS IN HARDWARE MODE (Sorted by Pin Name, DS2148T Pin Numbering) .......................................................................................................................................... 16 Table 4-5 LOOPBACK CONTROL IN HARDWARE MODE ................................................................ 20 Table 4-6 TRANSMIT DATA CONTROL IN HARDWARE MODE ..................................................... 20 Table 4-7 RECEIVE SENSITIVITY SETTINGS...................................................................................... 20 Table 4-8 MONITOR GAIN SETTINGS .................................................................................................. 20 Table 4-9 INTERNAL RX TERMINATION SELECT............................................................................. 20 Table 4-10 MCLK SELECTION................................................................................................................ 20 Table 5-1 REGISTER MAP ....................................................................................................................... 23 Table 6-1 MCLK SELECTION.................................................................................................................. 29 Table 6-2 RECEIVE SENSITIVITY SETTINGS...................................................................................... 31 Table 6-3 BACK PLANE CLOCK SELECT............................................................................................. 32 Table 6-4 MONITOR GAIN SETTINGS .................................................................................................. 32 Table 6-5 INTERNAL RX TERMINATION SELECT............................................................................. 33 Table 7-1 RECEIVED ALARM CRITERIA ............................................................................................. 35 Table 7-2 RECEIVE LEVEL INDICATION............................................................................................. 38 Table 8-1 TRANSMIT CODE LENGTH................................................................................................... 40 Table 8-2 RECEIVE CODE LENGTH ...................................................................................................... 40 Table 8-3 DEFINITION OF RECEIVED ERRORS.................................................................................. 44 Table 8-4 FUNCTION OF ECRS BITS AND RNEG PIN........................................................................ 45 Table 9-1 LINE BUILD OUT SELECT FOR E1 IN REGISTER CCR4 (ETS = 0) ................................. 48 Table 9-2 LINE BUILD OUT SELECT FOR T1 IN REGISTER CCR4 (ETS = 1) ................................. 48 Table 9-3 TRANSFORMER SPECIFICATIONS FOR 5V OPERATION ............................................... 49 Table 10-1 DS21Q48 PIN ASSIGNMENT................................................................................................ 56 |